Electronic Components Datasheet Search
  English  ▼

X  

PE43713 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE43713
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE43713 Datasheet HTML 1Page - Peregrine Semiconductor PE43713 Datasheet HTML 2Page - Peregrine Semiconductor PE43713 Datasheet HTML 3Page - Peregrine Semiconductor PE43713 Datasheet HTML 4Page - Peregrine Semiconductor PE43713 Datasheet HTML 5Page - Peregrine Semiconductor PE43713 Datasheet HTML 6Page - Peregrine Semiconductor PE43713 Datasheet HTML 7Page - Peregrine Semiconductor PE43713 Datasheet HTML 8Page - Peregrine Semiconductor PE43713 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PE43713
UltraCMOS® RF Digital Step Attenuator
DOC-49614-1 – (3/2015)
Page 5
www.psemi.com
Attenuation error
1 dB step
0–8 dB
9 kHz–2.2 GHz
±(0.20 + 1.5% of
attenuation setting)
dB
9–31 dB
9 kHz–2.2 GHz
±(0.20 + 2.0% of
attenuation setting)
dB
0–31 dB
>2.2–3.0 GHz
±(0.15 + 3.0% of
attenuation setting)
dB
0–31 dB
>3.0–5.0 GHz
±(0.25 + 5.0% of
attenuation setting)
dB
0–31 dB
>5.0–6.0 GHz
±(0.25 + 5.0% of
attenuation setting)
dB
Return loss
Input port or output port
9 kHz–4 GHz
4–6 GHz
13
15
dB
dB
Relative phase
All states
9 kHz–4 GHz
4–6 GHz
27
42
deg
deg
Input 0.1dB compression
point(3)
48 MHz–6 GHz
31
dBm
Input IP3
Two tones at +18 dBm, 20 MHz
spacing
4 GHz
6 GHz
57
56
dBm
dBm
RF Trise/Tfall
10%/90% RF
200
ns
Settling time
RF settled to within 0.05 dB of final
value
1.6
µs
Switching time
50% CTRL to 90% or 10% RF
275
ns
Attenuation transient
(envelope)
2 GHz
0.3
dB
Notes:
1) Normal mode: connect VSS_EXT (pin 20) to GND (VSS_EXT = 0V) to enable internal negative voltage generator.
2) Bypass mode: use VSS_EXT (pin 20) to bypass and disable internal negative voltage generator.
3) The input 0.1 dB compression point is a linearity figure of merit. Refer to Table 2 for the operating RF input power (50
Ω).
Table 3 • PE43713 Electrical Specifications (Cont.)
Parameter
Condition
Frequency
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com