Electronic Components Datasheet Search
  English  ▼

X  

PE43713 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE43713
Description  UltraCMOS RF Digital Step Attenuator, 9 kHz-6 GHz
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43713 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE43713 Datasheet HTML 1Page - Peregrine Semiconductor PE43713 Datasheet HTML 2Page - Peregrine Semiconductor PE43713 Datasheet HTML 3Page - Peregrine Semiconductor PE43713 Datasheet HTML 4Page - Peregrine Semiconductor PE43713 Datasheet HTML 5Page - Peregrine Semiconductor PE43713 Datasheet HTML 6Page - Peregrine Semiconductor PE43713 Datasheet HTML 7Page - Peregrine Semiconductor PE43713 Datasheet HTML 8Page - Peregrine Semiconductor PE43713 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PE43713
UltraCMOS® RF Digital Step Attenuator
DOC-49614-1 – (3/2015)
Page 3
www.psemi.com
Recommended Operating Conditions
Table 2 lists the recommending operating condition for the PE43713. Devices should not be operated outside
the recommended operating conditions listed below.
Table 2 • Recommended Operating Condition for PE43713
Parameter
Min
Typ
Max
Unit
Normal mode, VSS_EXT = 0V
(1)
Supply voltage, VDD
2.3
5.5
V
Supply current, IDD
150
200
µA
Bypass mode, VSS_EXT = –3.4V
(2)
Supply voltage, VDD (VDD ≥ 3.4V see Table 3 for full spec compliance)
2.7
3.4
5.5
V
Supply current, IDD
50
80
µA
Negative supply voltage, VSS_EXT
–3.6
–2.4
V
Negative supply current, ISS
–40
–16
µA
Normal or bypass mode
Digital input high
1.17
3.6
V
Digital input low
–0.3
0.6
V
Digital input current
17.5
µA
RF input power, CW(3)
9 kHz–48 MHz
>48 MHz–6 GHz
Figure 5
+23
dBm
dBm
RF input power, pulsed(4)
9 kHz–48 MHz
>48 MHz–6 GHz
Figure 5
+28
dBm
dBm
Operating temperature range
–40
+25
+105
°C
Notes:
1) Normal mode: connect VSS_EXT (pin 20) to GND (VSS_EXT = 0V) to enable internal negative voltage generator.
2) Bypass mode: use VSS_EXT (pin 20) to bypass and disable internal negative voltage generator.
3) 100% duty cycle, all bands, 50
Ω.
4) Pulsed, 5% duty cycle of 4620 µs period, 50
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com