Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6676 Datasheet HTML 36Page - Analog Devices AD6676 Datasheet HTML 37Page - Analog Devices AD6676 Datasheet HTML 38Page - Analog Devices AD6676 Datasheet HTML 39Page - Analog Devices AD6676 Datasheet HTML 40Page - Analog Devices AD6676 Datasheet HTML 41Page - Analog Devices AD6676 Datasheet HTML 42Page - Analog Devices AD6676 Datasheet HTML 43Page - Analog Devices AD6676 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 40 of 90
Example
Calculate the NCO MIX1 and MIX2 values along with FIF_NCO
and fOFFSET with the following AD6676 configuration: FIF =
140 MHz, FADC = 3200 MHz, and decimation factor of 16 (that
is, fDATA_IQ = 200 MSPS).
•
Substituting FIF and FADC values in Equation 8 results in
MIX1 = 3.
•
Substituting these values in Equation 9 (noting that M =
4096 for DEC_MODE = 3 results in MIX2 = −13).
•
Substituting MIX1 and MIX2 values into Equation 10
results in FIF_NCO = 139.84375 MHz.
•
Substituting FIF and FIF_NCO values in Equation 11 results in
fOFFSET = 156.25 kHz.
NCO Phase Synchronization
The AD6676 coarse and fine tuning NCOs can be set to an
initial phase after synchronization with an external SYSREF
signal. The initial phase of the coarse tuning NCO is set via
MIX1_INIT, with an LSB corresponding to 1/64th of a cycle. The
initial phase of the fine tuning NCO is set via MIX2_INIT_x,
with an LSB corresponding to 1/1024th of a cycle.
Digital Filter Modes
The AD6676 digital filter path is designed to provide sufficient
stop band rejection of the Σ-Δ ADC shaped out-of-band noise
as well as any spurious noise that otherwise might alias back
into the desired pass band region after decimation and limit the
actual NSD performance. The filter path supports decimation
factors of 12, 16, 24, and 32 depending on the DEC_MODE
setting. The complex output of the coarse QDDC feeds a pair of
symmetrical FIR decimation filters divided into three stages, as
shown in Figure 103. The first stage is a decimate by 3 or by 4
filter, depending on whether the desired decimation factor is
divisible by three. The second and third stages consists of two
cascaded decimate by 2 filters with the third stage outputs
supporting the decimate by 12 and by 16 options. A bypassable
fourth stage provides the decimate by 24 and by 32 options.
The normalized pass band and wideband folded frequency
response for each filter mode are shown in Figure 105 through
Figure 113. Note the following observations:
•
All filter responses provide a linear phase response over its
pass band.
•
The usable IF bandwidth depends on the DEC_MODE as
well as the minimum acceptable pass band ripple and stop
band rejection requirements. Table 14 provides the
normalized usable complex bandwidth vs. DEC_MODE for
stop band rejections of greater than 85 dB and 60 dB.
•
The last filter stage sets the usable bandwidth and stop
band rejection because it has the most aggressive transition
band specifications. For this reason, the decimation factors
of 12 and 16 have the same normalized usable bandwidths
as does decimation factors of 24 and 32.
•
Wide IF bandwidths (MHz) are supported when operating
at lower decimation factors along with a high FADC.
•
It is worth noting that many applications requiring wider
IF bandwidth may tolerate reduced ripple and rejection as
the digital filter response enters its transition region. The
reason is that the Σ-Δ ADC achievable NSD performance
at the IF pass band edges also degrades as its oversampling
ratio is reduced, thus still dominating relative to any
aliased noise due to reduced filter stop band rejection.
Table 14. Usable Normalized Complex Bandwidth vs.
Decimation Factor
DEC_MODE
Decimation
Factor
f
DATA_IQ
BW (>85 dB
Rejection)
BW (>60 dB
Rejection)
1
32
1
0.814
0.834
2
24
1
0.814
0.834
3
16
1
0.571
0.617
4
12
1
0.571
0.617
Total Pipeline Latency
The digital filter path dominates the latency of the AD6676
whereas the JESD204B PHY adds a few samples of delay and
the ADC delay is a fraction of an output sample. The latency
between the ADC and digital filter output is fixed with the only
nondeterministic delay being associated with the JESD204B
PHY clock and lane FIFOs before synchronization. See the
Synchronization Using SYSREF section for additional
information. Table 15 provides the nominal pipeline delay
associated with each DEC_MODE. Note that although all
DEC_MODE settings provide similar delays relative to the
output data rate, fDATA_IQ, applications that require shorter
absolute time delays may consider using a lower decimation
factor to reduce the absolute delay by 2×.
Table 15. Nominal Pipeline Latency vs. DEC_MODE
(Sample Delay Relative to 1/fDATA_IQ)
DEC_MODE
Decimation
Factor
JESD204B
Lanes
IQ Data Output
Sample Delay
1
32
1
34.2
2
24
1
34.2
3
16
2
32.3
4
12
2
32.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com