Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6676 Datasheet HTML 6Page - Analog Devices AD6676 Datasheet HTML 7Page - Analog Devices AD6676 Datasheet HTML 8Page - Analog Devices AD6676 Datasheet HTML 9Page - Analog Devices AD6676 Datasheet HTML 10Page - Analog Devices AD6676 Datasheet HTML 11Page - Analog Devices AD6676 Datasheet HTML 12Page - Analog Devices AD6676 Datasheet HTML 13Page - Analog Devices AD6676 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 10 of 90
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDDQ
VDD1
VSSA
VDD1
VDD2
L+
L–
VSSA
1
2
3
4
5
6
7
8
CLK+
VDD1
VDD1
VSSA
VDD1
VDD2
VDD2
VIN+
CLK–
VDDC
VDD1
VDD1
VSSA
VDD1
VSSA
VIN–
VDDC
VDDC
VDD1
VDDL
VDDL
VSSA
VDD1
VSSA
VSSA
VSSA
VSSA
VSSA
VSSA
VSSA
VDD2
VDD2
VSSA
VSSA
VSSA
VSSD
VSSD
VSS2IN
VDD2NV
VSSA
SYSREF+
VSSD
VSSD
VSSD
VSSD
RESETB
VSS2OUT
VDDIO
SYSREF–
VSSD
VDDD
VDDD
VDDD
SDO
AGC4
AGC2
VDDHSI
VDDHSI
VDDD
VDDD
VDDD
CSB
AGC3
AGC1
SERDOUT0–
1.1V ANALOG SUPPLY
SERDOUT0+
SERDOUT1–
SERDOUT1+
SYNCINB+
SYNCINB–
SCLK
SDIO
A
B
C
D
E
F
G
H
J
K
1.1V DIGITAL SUPPLY
ANALOG SUPPLY GROUND
2.5V ANALOG SUPPLY
–2V ANALOG SUPPLY
DIGITAL SUPPLY GROUND
SPI INTERFACE
ADC I/O
1.8V TO 2.5V DIGITAL I/O
ANALOG SUPPLY
2.5V ANALOG SUPPLY
JESD204B INTERFACE
Figure 3. Pin Configuration (Top View, Not to Scale)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
Σ-Δ ADC Modulator
B8, C8
VIN+, VIN−
Analog Inputs with Nominal 60 Ω Differential Input Termination.
A6, A7
L+, L−
Analog Outputs for External Inductor.
B1, C1
CLK+, CLK−
Clock Inputs with Nominal 100 Ω Differential Input Termination.
JESD204B Interface
K1, K2
SERDOUT0−, SERDOUT0+
Lane 0 JESD204B Digital CML Outputs.
K3, K4
SERDOUT1−, SERDOUT1+
Lane 1 JESD204B Digital CML Outputs.
G1, H1
SYSREF+, SYSREF−
JESD204B SYSREF Inputs. Note that these pins have no differential termination.
K5, K6
SYNCINB+, SYNCINB−
JESD204B CMOS or LVDS SYNC Inputs. Selectable via Register 0x1E7, Bit 2.
Default CMOS mode uses the SYNCINB+ pin only. LVDS mode has a 100 Ω
differential termination.
CMOS Input/Outputs
J8, H8, J7, H7
AGC1, AGC2, AGC3, AGC4
AGC Bidirectional Inputs/Outputs. By default, AGC2 and AGC1 are inputs,
whereas AGC4 and AGC3 are outputs. If the AGC2 and AGC1 pins are unused,
connect them to VSSD via a 100 kΩ resistor.
J6
CSB
Serial Port Enable Input. Active low.
K8
SDIO
Serial Port Input/Output.
H6
SDO
Serial Port Output.
K7
SCLK
Serial Clock Input.
G6
RESETB
Active Low Reset Input. This pin places digital logic and SPI registers into a
known default state. Leave this pin open if unused because it has an internal
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com