Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 51 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD6676 Datasheet HTML 47Page - Analog Devices AD6676 Datasheet HTML 48Page - Analog Devices AD6676 Datasheet HTML 49Page - Analog Devices AD6676 Datasheet HTML 50Page - Analog Devices AD6676 Datasheet HTML 51Page - Analog Devices AD6676 Datasheet HTML 52Page - Analog Devices AD6676 Datasheet HTML 53Page - Analog Devices AD6676 Datasheet HTML 54Page - Analog Devices AD6676 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 51 of 90
SYNCHRONIZATION USING SYSREF±
The AD6676 uses the SYSREF± input to provide synchronization
for the JESD204B serial output and to establish a fixed phase
reference for the decimation filters and the NCO within the QDDC.
Synchronization options are configurable via Register 0x1E8.
When initially synchronizing, the absolute phase offset relative
to the input clock applied to the CLK± pins depends on internal
clock phases and therefore has an uncertainty of ±1 ADC clock
cycles.
A clock tree diagram is shown in Figure 126 with an internal
clock signal, DIG_CLK, used to ultimately sample the SYSREF±
signal. Note that the SYSREF± setup and hold times are defined
with respect to the rising SYSREF± edge and rising CLK± (or
CLK+ with the clock synthesizer disabled) edge, as shown in
Figure 2. After the SYSREF± signal is sampled, the phase remains
locked to the same relative internal ADC_CLK phase offset
until the AD6676 is intentionally reset or its clock or power
interrupted.
Note the following considerations when using SYSREF± for
synchronization.
•
The SYSREF± pulse width must be at least two ADC_CLK
periods.
•
Bit 3 of Register 0x2BB must be set low when synchronizing
with the clock synthesizer enabled. In this case, that SYSREF±
is sampled on the rising edge of REF_CLK to allow for
significant margin in setup and hold time. This
synchronization signal is then sampled again with the
internally generated DIG_CLK.
•
Because SYSREF± is ultimately sampled with an internal
clock greater than 1 GHz, it can be difficult to maintain
synchronization of the clock and SYSREF± distribution in
a system over supply and temperature variations, as well
cumulative jitter affects. For this reason, it is suggested to
utilize the one shot SYSREF± mode to avoid unnecessary
resetting of the JES204B link.
•
If continuous SYSREF± is still preferred, it is recommended to
use the SYSREF_WIN_NEG and SYSREF_WIN_POS bits
in Register 0x1EA to allow for slight variation in SYSREF±
timing relative to DIG_CLK.
•
A phase variance of ±1 ADC clock cycles ultimately results
in fractions of a sample when referenced to the IQ output
data rate, fDATA_IQ, depending on the decimation factor. For
example, for a decimation factor of 32, the phase uncertainty
is expressed as ±1/32 samples relative to fDATA_IQ.
•
The course and fine digital NCOs are also set to an initial
phase up defined in Register 0x143 thru Register 0x145
upon receiving SYSREF±.
•
Figure 127 shows how the HMC7044 (or the AD9528) can
be used for mulichip synchronization. The HMC7044 is best
suited for delivering a low phase noise RF clock source for
each AD6676 (refer to Figure 135). In addition, its ability
to individually control the delays of both the CLK and
SYSREF signals to each AD6676 device allows
compensation of PCB skew delays.
CLOCK
SYNTHESIZER
fOUT =
5.9GHz TO 6.4GHz
÷2
D
Q
Q
D
Q
Q
CLK±
SYSREF±
RF_CLK
REG 0x2A5
ADC_CLK
DIG_CLK
TO
Σ-Δ ADC
AND DIGITAL
TO DIGITAL
TO SYNCHRONIZATION
CIRCUITRY
REG 0x2BB
REF_CLK
÷2
Figure 126. Block Diagram Showing Options of Sampling the SYSREF Input Signal with the Clock Synthesizer Disabled or Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com