Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 56 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6676 Datasheet HTML 52Page - Analog Devices AD6676 Datasheet HTML 53Page - Analog Devices AD6676 Datasheet HTML 54Page - Analog Devices AD6676 Datasheet HTML 55Page - Analog Devices AD6676 Datasheet HTML 56Page - Analog Devices AD6676 Datasheet HTML 57Page - Analog Devices AD6676 Datasheet HTML 58Page - Analog Devices AD6676 Datasheet HTML 59Page - Analog Devices AD6676 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 56 of 90
IF FREQUENCY PLANNING
The Σ-Δ ADC can achieve exceptional SFDR performance over
a wide IF frequency range because its high oversampling ratio
prevents low order harmonics from aliasing into the IF pass band.
Higher order harmonics that do alias back are typically of much
lower magnitude, with the shuffling option further reducing
their levels. However, finite isolation between the Σ-Δ ADC and
the digital block causes additional spurious signals that are a
function of the output data rate, fDATA_IQ, and input frequency,
fIN. Specifically, the feedback DACs in the Σ-Δ ADC suffer from
digital contamination of its clock signal. Therefore, the same
equation used to predict spurious locations on high speed DACs
with digital interpolation filters applies.
Equation 15 defines this relationship with the spur location
falling at fMN.
fMN = ±(M × fDATA_IQ) ± (N × fIN)
(15)
where:
M is the digital induced harmonic content from internal clocks.
N is the harmonics from the Σ-Δ ADC.
When N = 0, signal independent spurs fall at integer multiples
of fDATA_IQ. Table 23 shows the measured M × fDATA_IQ spurious
levels (dBFS) for different IF frequencies and decimation factors
with fDATA_IQ equal to 100 MSPS and 200 MSPS. All of the M ×
fDATA_IQ regions display low spurious with the exception of
200 MHz. This is because a large portion of digital circuitry is
clocked at FADC/16 for DEC_MODES of 1 and 3 or FADC/12 for
DEC_MODES of 2 and 4. As a result, the M = 2 spur is dominant
when operating at the higher decimation factors of 32 and 24
whereas the M = 1 spur is dominant when operating at the
lower decimation factors of 16 and 12.
When N = 1, signal dependent spurs falls at integer multiples of
fDATA_IQ. These M × N spurs are called images because they have
a 1:1 relationship in amplitude and frequency with the input signal,
fIN. Note that the magnitude of some images can also vary slightly
between power cycles, due to different phase relationships among
internal clock dividers upon device initialization. Figure 136
shows a normalized image graph (relative to fDATA_IQ) showing
the image location relative for a given input frequency.
When N > 1, spurious content is often at lower magnitude than
other spurious thus often can be ignored. The exception is when
fIN falls below the IF pass band such that its lower order harmonics
may fall within the pass band (that is, IF/2 and IF/3).
4.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
NORMALIZED INPUT FREQUENCY
M = 6
M = 7
M = 8
M = 5
M = 3
M = 4
M = 2
M = 2
M = 3
M = 1
Figure 136. Image Location for Different M Factors Normalized to fDATA_IQ
Table 23. Measured Spurious Levels at Different IFs Where
M × fDATA_IQ Falls On for fDATA_IQ of 100 MSPS and 200 MSPS
f
DATA_IQ
Spurious Levels (dBFS)
IF =
100 MHz
IF =
200 MHz
IF =
300 MHz
IF =
400 MHz
100 MSPS
DEC_MODE = 1
<−100
−81
<−110
−97
DEC_MODE = 2
−100
−79
<−110
N/A1
200 MSPS
DEC_MODE = 3
<−110
−81
<−110
−90
DEC_MODE = 4
<−110
−77
<−110
N/A1
1 N/A means not applicable.
Because the image spurs are also at low levels, the AD6676 offers a
wide range of suitable IFs for a given output data rate, fDATA_IQ.
Even IFs that are situated in a region where the worst M × fDATA_IQ
spurious condition described in Table 23 can be used because
they remain at a fixed location and remain signal independent.
Similar to the LO feedthrough issue in a direct conversion IQ
receiver, a slow digital tracking loop in the host processor can
be used to nullify it. Figure 137 and Figure 138 show a case where
the IF of 200 MHz was selected for an fDATA_IQ of 200 MSPS and
100 MSPS such that dominant spur falls exactly at the IF center.
As shown in Figure 136, the IF is positioned at a normalized
fDATA_IQ of 1 or 2 for 200 MSPS and 100 MSPS operation, thus
explaining why the image term is M = 2 or 4. Note that the image
spur is quite low for M = 2 and can be further improved by
selecting a higher decimation factor (DEC_MODE of 3 vs. 1)
that results in the M = 4 image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com