Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6676 Datasheet HTML 2Page - Analog Devices AD6676 Datasheet HTML 3Page - Analog Devices AD6676 Datasheet HTML 4Page - Analog Devices AD6676 Datasheet HTML 5Page - Analog Devices AD6676 Datasheet HTML 6Page - Analog Devices AD6676 Datasheet HTML 7Page - Analog Devices AD6676 Datasheet HTML 8Page - Analog Devices AD6676 Datasheet HTML 9Page - Analog Devices AD6676 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
AD6676
Data Sheet
Rev. A | Page 6 of 90
Parameter
Temperature
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK SYNTHESIZER
Phase Detector Frequency
Full
10
80
MHz
Minimum Charge Pump Output Current
Full
0.1
mA
Maximum Charge Pump Output Current
Full
6.4
mA
VCO Tuning Range
Full
2.94
3.2
GHz
Σ-∆ ADC AND DIGITAL DOWNCONVERTER
Resolution
Full
16
Bits
Clock Frequency (F
ADC)
Full
2.0
3.2
GHz
IF Center Frequency (F
IF)
Full
70
450
MHz
IF Bandwidth
Maximum BW applies to
higher F
IF
0.005
× F
ADC
0.05 ×
F
ADC
IF Pass Band Gain Flatness
Full
F
ADC, FIF, and BW dependent
1.0
dB
Out-of-Band Peaking
Depends on F
ADC, FIF, and BW
0.5
dB
Alias Rejection
Regions of F
ADC ± FIF
51
dB
Fixed Decimation Factors
Full
12, 16, 24,
32
NCO Tuning Resolution
Decimate by 12 or 24
F
ADC/3072
Decimate by 16 or 32
F
ADC/4096
Out-of-Range Recovery Time
Full
Relative to ADC clock cycles
52
1/F
ADC
POWER SUPPLY AND CONSUMPTION
Analog Supply Voltage
VDD1, VDDL, VDDQ, VDDC
Full
1.0725
1.1
1.1275
V
VDD2, VDD2NV
Full
2.4375
2.5
2.5625
V
VSS2IN
Use on-chip regulator, tie to
VSS2OUT
−2.0
V
Digital Supply Voltage (VDDD)
Full
1.0725
1.1
1.1275
V
JESD204B Supply Voltage (VDDHSI)
Full
1.0725
1.1
1.1275
V
SPI Interface Supply Voltage (VDDIO)
Full
1.7
1.8
2.5625
V
Analog Supply Current
I
VDD1 + IVDDL
Full
368
397
mA
I
VDDC + IVDDQ
Full
CLK synthesizer disabled
57
68
mA
I
VDDC
4 + I
VDDQ
Full
CLK synthesizer enabled
93
106
mA
I
VDD2 + IVDD2NV
Full
145
165
mA
Digital Supply Current (I
VDDD)
Full
141
208
mA
JESD204B Supply Current (I
VDDHSI)
Full
164
190
mA
SPI Interface Supply Current (I
VDDIO)
Full
0.4
1
mA
Power Consumption
Full
With CLK SYN Disabled
1.16
1.31
W
With CLK SYN Enabled
1.20
1.34
W
Standby5
Full
0.44
W
Power-Down
Full
66
177
mW
OPERATING TEMPERATURE RANGE
−40
+85
°C
1 Extrapolated input power level is measured at the center of IF pass band that results in a 0 dBFS power level.
2 The overload level of the Σ-Δ ADC for a CW tone is guaranteed up to −2 dBFS back off from full scale but typically exceeds −1 dBFS. Input signals that have a higher
peak-to-average ratio (PAR) than a CW tone (PAR = 3 dB) must apply additional back off based on the difference in PAR.
3 The clock synthesizer reference divider (Register 0x2BB, Bits[7:6]) must be set to divide by 4 or by 2 to ensure that its phase detector frequency remains ≤40 MHz.
4 f
CLK = 200 MHz, FADC = 3.2 GHz.
5 The AD6676 is configured for recovery time of 11.5 µs with VSS2 generator/ digital data in standby (Register 0x150 = 0x40) and low power ADC state (Register 0x250 = 0x95).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com