Electronic Components Datasheet Search
  English  ▼

X  

AD6676 Datasheet(PDF) 15 Page - Analog Devices

Part # AD6676
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6676 Datasheet HTML 11Page - Analog Devices AD6676 Datasheet HTML 12Page - Analog Devices AD6676 Datasheet HTML 13Page - Analog Devices AD6676 Datasheet HTML 14Page - Analog Devices AD6676 Datasheet HTML 15Page - Analog Devices AD6676 Datasheet HTML 16Page - Analog Devices AD6676 Datasheet HTML 17Page - Analog Devices AD6676 Datasheet HTML 18Page - Analog Devices AD6676 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
Data Sheet
AD6676
Rev. A | Page 15 of 90
NOMINAL PERFORMANCE FOR IF = 181 MHz (WIRELESS INFRASTRUCTURE RECEIVER)
FIF = 181 MHz, BW = 75 MHz, FADC = 2.94912 GHz, attenuator = 0 dB, LEXT = 43 nH, maximum PIN_0dBFS setting, fDATA_IQ =
122.88 MSPS, shuffler enabled (every clock cycle), with default threshold settings, unless otherwise noted.
0.50
–1.00
–0.75
–0.50
–0.25
0
0.25
140 145 150 155 160 165 170 175 180 185 190 195 200 205 210
220
215
FREQUENCY (MHz)
Figure 22. IF Pass Band Flatness (Includes Digital Filter)
INPUT FREQUENCY (MHz)
145
155
165
175
185
195
205
215
–160
–150
–151
–152
–153
–154
–155
–156
–157
–158
–159
NSD (–1dBFS SIGNAL)
NSD (NO SIGNAL)
Figure 23. NSD With and Without Full-Scale CW at 210 MHz
0
–90
–100
–110
–120
–130
–80
–70
–60
–50
–40
–30
–20
–10
INPUT FREQUENCY (MHz)
NBW = 5.6kHz
–1dBFS (–3.5dBm) AT 220MHz
140
150
160
170
180
190
200
210
220 225
75MHz IF PASS BAND REGION
Figure 24. Spectral Plot of IF Pass Band Region with −1 dBFS CW at 220 MHz
5
0
–5
–10
–15
–20
–25
–30
–35
0
600
450
350
250
550
500
400
300
200
150
100
50
FREQUENCY (MHz)
Figure 25. Wideband Frequency Response (Before Digital Filter)
–152
–153
–154
–155
–156
–157
–158
–159
–160
–161
–162
–44
–2
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.5dBm
216MHz
146MHz
181MHz
Figure 26. NSD vs. CW Input Power, CW = 210 MHz
(NSD Measured at 181 MHz as well as 146 MHz and 216 MHz Band Edges)
–75.0
–75.5
–76.0
–76.5
–77.0
–77.5
–78.0
–78.5
–79.0
–79.5
–80.0
–44
–2
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.5dBm
Figure 27. IBN in IF Pass Band Region (BW = 75 MHz) vs. Swept Single Tone
Input Power with CW at 220 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com