Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9993 Datasheet HTML 33Page - Analog Devices AD9993 Datasheet HTML 34Page - Analog Devices AD9993 Datasheet HTML 35Page - Analog Devices AD9993 Datasheet HTML 36Page - Analog Devices AD9993 Datasheet HTML 37Page - Analog Devices AD9993 Datasheet HTML 38Page - Analog Devices AD9993 Datasheet HTML 39Page - Analog Devices AD9993 Datasheet HTML 40Page - Analog Devices AD9993 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 37 of 56
SYNTHESIZER STATUS REGISTER
Address: 0x02D, Reset: 0x00, Name: SYNTH_STAT
Table 26. Bit Descriptions for SYNTH_STAT
Bits
Bit Name
Description
Reset
Access
2
SYNTH_CP_CAL_DONE
Charge pump calibration done.
0x0
R
1
SYNTH_LOCKDET
Synthesizer frequency locked.
0x0
R
0
SYNTH_VCO_CAL_IN_PROGRESS
VCO calibration in progress.
0x0
R
LOOP FILTER CONTROL SIGNALS REGISTER
Address: 0x02E, Reset: 0x77, Name: LF_CTRL1
Table 27. Bit Descriptions for LF_CTRL1
Bits
Bit Name
Description
Reset
Access
[6:4]
LF_C2
Loop filter coefficient.
0x7
RW
000 = 3.13 pF.
001 = 2.26 pF.
010 = 9.39 pF.
011 = 12.52 pF.
100 = 15.65 pF.
101 = 18.78 pF.
110 = 21.91 pF.
111 = 25.04 pF.
[2:0]
LF_C1
Loop filter coefficient.
0x7
RW
000 = 46.584 pF.
001 = 93.168 pF.
010 = 139.752 pF.
011 = 186.336 pF.
100 = 232.920 pF.
101 = 279.504 pF.
110 = 326.088 pF.
111 = 372.672 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com