Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9993 Datasheet HTML 21Page - Analog Devices AD9993 Datasheet HTML 22Page - Analog Devices AD9993 Datasheet HTML 23Page - Analog Devices AD9993 Datasheet HTML 24Page - Analog Devices AD9993 Datasheet HTML 25Page - Analog Devices AD9993 Datasheet HTML 26Page - Analog Devices AD9993 Datasheet HTML 27Page - Analog Devices AD9993 Datasheet HTML 28Page - Analog Devices AD9993 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 25 of 56
START-UP REGISTER SEQUENCES
POWER-UP ROUTINE WHEN USING THE ON-CHIP
CLOCK SYNTHESIZER
To power up the device, set the register settings as described in
the following sections.
Chip Power-Up
SPI.Write(0x008, 0x00); power up all
blocks
DAC Setup
SPI.Write(0x03A, 0x02); DAC data format
offset binary
or
SPI.Write(0x03A, 0x00); DAC data format
twos complement
ADC Setup
SPI.Write(0x013, 0x00); enable ADC LVDS
output and offset binary
or
SPI.Write(0x013, 0x01); enable ADC LVDS
output and twos complement
SPI.Write(0x014, 0x01); set LVDS to 2 mA
(optional: 1 mA is default)
SPI.Write(0x0FF, 0x01); transfer
Synthesizer Setup (62.5 MHz Reference Clock Input)
SPI.Write(0x032, 0x01); SYNTH_CP_CAL_EN
SPI.Write(0x0FF, 0x01); transfer
SPI.Write(0x032, 0x11); start synthesizer
calibration
SPI.Write(0x0FF, 0x01); transfer
SPI.Read(0x02D); synthesizer status
0x01; calibration in progress
0x04; calibration done, synthesizer no
lock
0x06;calibration done, synthesizer locked
Sythesizer Setup (31.25 MHz Reference Clock Input)
SPI.Write(0x033, 0x20); CLKGEN_REFCLK_DIV1
SPI.Write(0x032, 0x01); synthesizer
CP_CAL_EN
SPI.Write(0x0FF, 0x01); transfer
SPI.Write(0x032, 0x11); start synth
calibration
SPI.Write(0x0FF, 0x01); transfer
SPI.Read(0x02D); synthesizer status
0x01; calibration in progress
0x04; calibration done, synthesizer no
lock
0x06; calibration done, synthesizer
locked
Synchronize LVDS Interface
SPI.Write(0x00A, 0x82); synchronize ADC
data with DCO clock, self cleared but
needs following SPI clock
SPI.Write(0x00A, 0x81); realign Tx FIFO
read and write pointers, self cleared but
need following SPI clock
SPI.Write(0x00A, 0x90); realign Rx FIFO
read and write pointers, DCI clock must be
present, self cleared but need following
SPI clock
Miscellaneous
Clear Interrupt
SPI.Write(0x0F0, 0xFF)
Enable Interrupt
SPI.Write(0x0F1, 0xFF)
SPI.Write(0x055, 0x01); ALERT_PULLUP_EN
(optional)
SPI.Write(0x0FF, 0x01); transfer
SPI.Write(0x039, 0x12); set DAC CML based
on compliance range of 0.7 V and on-chip
RFSADJ_x resistors
Set this bit if using DAC compliance range > 0.7 V.
SPI.Write(0x0ff, 0x001); data transfer
POWER-UP ROUTINE WHEN USING EXTERNAL
CLOCK
Chip Power-Up
SPI.Write(0x008, 0x00); power up all
blocks
DAC Setup
SPI.Write(0x03A, 0x02); DAC data format
offset binary
or
SPI.Write(0x03A, 0x00); DAC data format
twos complement
ADC Setup
SPI.Write(0x013, 0x00); enable ADC LVDS
output and offset binary
or
SPI.Write(0x013, 0x01); enable ADC LVDS
output and twos complement
SPI.Write(0x014, 0x01); set LVDS to 2 mA
(optional: 1 mA is default)
SPI.Write(0x0FF, 0x01); transfer
External Clock Setup
SPI.Write(0x034, 0x07); set external clock
mode
SPI.Write(0x0FF, 0x01); transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com