Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9993 Datasheet HTML 40Page - Analog Devices AD9993 Datasheet HTML 41Page - Analog Devices AD9993 Datasheet HTML 42Page - Analog Devices AD9993 Datasheet HTML 43Page - Analog Devices AD9993 Datasheet HTML 44Page - Analog Devices AD9993 Datasheet HTML 45Page - Analog Devices AD9993 Datasheet HTML 46Page - Analog Devices AD9993 Datasheet HTML 47Page - Analog Devices AD9993 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD9993
Data Sheet
Rev. A | Page 44 of 56
PRBS DETECTOR CONTROL REGISTER
Address: 0x040, Reset: 0x00, Name: DAC_PRBS_CTRL
Table 41. Bit Descriptions for DAC_PRBS_CTRL
Bits
Bit Name
Description
Reset
Access
1
PRBS_DET_ERRCLR
Clear the error count of PRBS detector (transfer not required).
0x0
RW
0
PRBS_DET_EN
Enable the PRBS detector.
0x0
RW
PRBS DETECTOR ERROR COUNT 0 FOR DAC A REGISTER
Address: 0x041, Reset: 0x00, Name: DAC_A_PRBS_ERR0
Table 42. Bit Descriptions for DAC_A_PRBS_ERR0
Bits
Bit Name
Description
Reset
Access
[7:0]
PRBS_DET_ERRCNT_A0
Error count of Lane 0 of DAC A.
0x0
R
PRBS DETECTOR ERROR COUNT 1 FOR DAC A REGISTER
Address: 0x042, Reset: 0x00, Name: DAC_A_PRBS_ERR1
Table 43. Bit Descriptions for DAC_A_PRBS_ERR1
Bits
Bit Name
Description
Reset
Access
[7:0]
PRBS_DET_ERRCNT_A1
Error count of Lane 1 of DAC A.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com