Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9993 Datasheet HTML 15Page - Analog Devices AD9993 Datasheet HTML 16Page - Analog Devices AD9993 Datasheet HTML 17Page - Analog Devices AD9993 Datasheet HTML 18Page - Analog Devices AD9993 Datasheet HTML 19Page - Analog Devices AD9993 Datasheet HTML 20Page - Analog Devices AD9993 Datasheet HTML 21Page - Analog Devices AD9993 Datasheet HTML 22Page - Analog Devices AD9993 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 19 of 56
Figure 24. DACs, Band Gap Reference, On-Chip and Off-Chip RFSADJ_x, DAC Gain Setting, and IQ Calibration
Selecting DAC Output Common-Mode Voltage
Two steps are required to select the common-mode output
voltages for the two DACs. For a common-mode voltage less
than 0.5 V, the CML_A and CML_B pins are grounded. For
common-mode voltages that are greater than or equal to 0.5 V,
connect a 0.1 μF capacitor between CML_A or CML_B and
ground. The second step is to program the DAC_VCM_
VREF_BIT bit field. There are three common-mode level
settings to choose from. This common-mode setting applies to
both DACs.
DAC VOLTAGE REFERENCE
The DACs use a single common voltage reference. An on-chip
band gap reference is provided. Optionally, an off-chip voltage
reference can be used. If an off-chip DAC reference is used, set
the DAC_REF_EXT bit in the DAC_CTRL register to 1. After
reset, the on-chip reference is selected.
DAC GAIN SETTING
Figure 24 is a diagram of the AD9993 DACs gain setting
section. It shows the two transmit DACs, the bypassable built-in
1.0 V band gap reference, and the selectable internal and board
level RFSADJ_x resistors. By default, the on-chip band gap
reference is selected. If using a board level. DAC reference
voltage, write 1 to the DAC_REF_EXT bit of the DAC_CTRL
register.
Each DAC has its own RFSADJ_x set resistor. These resistors can be
on or off chip at the discretion of the user. When the on-chip
resistors are in use, their gain accuracy is factory calibrated.
When the off-chip RFSADJ_x resistors are used, an on-chip IQ
calibration scheme can be employed to maintain accuracy
between DAC pairs. By default, the on-chip RFSADJ_x is selected.
If using a board level RFSADJ_x, write 0 to the DAC_RSET_EN bit
of the DAC_CTRL register.
DAC IQ Gain Calibration
When board level RFSADJ_x resistors are used, the gains of the two
DACs can be better matched by running the automatic DAC IQ
gain calibration procedure. This is done by programming the
DAC_CAL_IQ_CTRL register and observing the
DAC_CAL_IQ_STAT register as follows:
1.
Write 0x23 to DAC_CAL_IQ_CTRL (power up the DAC
clock, enable IQ calibration, and start IQ calibration).
2.
Read the DAC_CAL_IQ_DONE bit of the
DAC_CAL_IQ_STAT register until it goes high.
3.
Write 0x4 to DAC_CAL_IQ_CTRL.
DAC DATAPATH FORMAT SELECTION
At reset, the DAC_BINARY bit in the DAC_DP_FMT register is
set to 0, selecting twos complement as the data input format for
both DACs. To select binary offset, set the DAC_BINARY bit to 1.
DAC TEST TONE GENERATOR DDS
The AD9993 includes a tunable direct digital synthesizer for
DAC output tone generation. When the DDS_EN bit of the
DDS_CTRL register is set to 1, the DDS becomes the digital
signal source for the two DACs. The DDS_CTRL register also
has a clock inversion control and amplitude attenuation
controls. At reset, the 32-bit DDS tuning word in the
DDS_TW1_3, DDS_TW1_2, DDS_TW1_1, and DDS_TW1_0
registers is set to 0x19A00000. This value programs the DDS to
produce a 50 MHz tone at both DAC outputs if the master clock
frequency is 1 GHz (DAC sampling rate = 500 MSPS). The
equation for DDS output frequency is
fDDS = (DDS_TW1/232) × fDAC
NOTE:
DEFAULT VALUES FOR
DAC A GAIN AND
DAC B GAIN ARE
SET AT FACTORY TRIM
FOR IFS = 20mA WITH
DAC_RSET_EN = 1
DAC_A
–0.25V
TO +0.25V
CLKA
CLKB
IOUTP
25Ω
25Ω
IOUTN
DAC_REF_EXT = 0
REG 0x039[0]
CAL IQ
1
0
BAND GAP
TRIM
1.0V
±1%
IMEAS A
DAC_B
IOUTP
25Ω
25Ω
IOUTN
DAC_CAL_IQ_SEL
REG 0x03C[1]
IMEAS B
–0.25V
TO +0.25V
ON CHIP
DAC_RSET_EN = 0
REG 0x039[1]
1.6kΩ
±2%
DAC_RSET_EN = 1
REG 0x039[1]
1.6kΩ
±2%
0.1µF
1.6kΩ
TRIM
±3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com