Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 1 Page - Analog Devices

  AD9993 Datasheet HTML 1Page - Analog Devices AD9993 Datasheet HTML 2Page - Analog Devices AD9993 Datasheet HTML 3Page - Analog Devices AD9993 Datasheet HTML 4Page - Analog Devices AD9993 Datasheet HTML 5Page - Analog Devices AD9993 Datasheet HTML 6Page - Analog Devices AD9993 Datasheet HTML 7Page - Analog Devices AD9993 Datasheet HTML 8Page - Analog Devices AD9993 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Integrated Mixed-Signal Front End (MxFE)
Data Sheet
AD9993
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Quad 14-bit 250 MSPS ADC
SFDR = 83 dBc at 87 MHz input
Dual 14-bit 500 MSPS DAC
SFDR = 75 dBc at 20 MHz output
On-chip PLL clock synthesizer
Low power
1536 mW, 1 GHz master clock, on-chip synthesizer
500 MHz double data rate (DDR)
LVDS interfaces for DACs and ADCs
Small 12 mm × 12 mm lead-free BGA package
APPLICATIONS
Point to point microwave backhaul radios
Wireless repeaters
GENERAL DESCRIPTION
The AD9993 is a mixed-signal front-end (MxFE®) device that
integrates four 14-bit ADCs and two 14-bit DACs. Figure 1
shows the block diagram of the MxFE. The MxFE is
programmable using registers accessed via a serial peripheral
interface (SPI). ADC and DAC datapaths include FIFO buffers
to absorb phase differences between LVDS lane clocks and the
data converter sampling clocks.
The MxFE DACs are part of the Analog Devices, Inc., high
speed CMOS DAC core family. These DACs are designed to be
used in wide bandwidth communication system transmitter
(Tx) signal chains.
The MxFE ADCs are multistage pipelined CMOS ADC cores
designed for use in communications receivers.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
ADC_A
ADC_B
DIGITAL
MxFE
AD9993
–ADC AND DAC
DATAPATHS
–CONTROLS
–SPI REGISTERS
–FIFO BUFFERS
CLOCK GENERATOR
PLL
DIV
ADC_C
ADC_D
DAC_A
DAC_B
2
14
DCO CLOCK
STROBE
DCI_x
STROBE_x
DCO_x
DOUT3D_x TO DOUT0D_x
DIN6A_x TO DIN0A_x
DIN6B_x TO DIN0B_x
DOUT3C_x TO DOUT0C_x
DOUT3B_x TO DOUT0B_x
DOUT3A_x TO DOUT0A_x
ALERT
RST
SPI_SCLK, SPI_CS, SPI_SDI, SPI_SDO
4
DCI CLOCK
14
4
14
2
14
2
14
2
14
2
14
2
14
LVDS
BUFFER
LVDS
BUFFER
0
1
31.25MHz
OR
62.5MHz
1GHz


Similar Part No. - AD9993

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9993 AD-AD9993 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
AD9993-EBZ AD-AD9993-EBZ Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
AD9993BBCZ AD-AD9993BBCZ Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
AD9993BBCZRL AD-AD9993BBCZRL Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
More results

Similar Description - AD9993

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9861 AD-AD9861 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9863 AD-AD9863 Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com