Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9993 Datasheet HTML 3Page - Analog Devices AD9993 Datasheet HTML 4Page - Analog Devices AD9993 Datasheet HTML 5Page - Analog Devices AD9993 Datasheet HTML 6Page - Analog Devices AD9993 Datasheet HTML 7Page - Analog Devices AD9993 Datasheet HTML 8Page - Analog Devices AD9993 Datasheet HTML 9Page - Analog Devices AD9993 Datasheet HTML 10Page - Analog Devices AD9993 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVSS to DVSS
−0.3 V to +0.3 V
AVDD33 to AVSS, DVSS
−0.3 V to +3.9 V
AVDD to AVSS, DVSS
−0.3 V to +2.2 V
DVDD to DVSS, AVSS
−0.3 V to +2.2 V
CP, A_VINP, A_VINN, B_VINP, B_VINN,
C_VINP, C_VINN, D_VINP, D_VINN,
IBIAS_TEST to AVSS
−0.3 V to AVDD + 0.3 V
VREF_DAC, FSAJ_A, FSAJ_B, CML_A,
CML_B, A_CML, B_CML, B_CML,
D_CML to AVSS
−0.3 V to AVDD + 0.3 V
IOUTA_P, IOUTA_N, IOUTB_P,
IOUTB_N to AVSS
−0.3 V to AVDD + 0.3 V
CLKP, CLKN, REFCLK to AVSS
−0.3 V to AVDD + 0.3 V
PDWN, ALERT, RST, MODE, SPI_SCLK,
SPI_CS, SPI_SDI, SPI_SDO to DVSS
−0.3 V to DVDD + 0.3 V
LVDS Data Inputs to DVSS
−0.3 V to DVDD + 0.3 V
LVDS Data Outputs to DVSS
−0.3 V to DVDD + 0.3 V
STROBE_P, STROBE_N to DVSS
−0.3 V to DVDD + 0.3 V
DCI_N, DCI_P, DCO_N, DCO_P
−0.3 V to DVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature Range
−65°C to +160°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 5. Thermal Resistances and Characterization Parameters
Package Type
θJA
θJB
θJC
ψJT
ψJB
Unit
196-Ball CSP_BGA
27.0
15.4
5.38
0.11
15.0
ºC/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com