Electronic Components Datasheet Search
  English  ▼

X  

SPX2967 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation SPX2967 Datasheet HTML 10Page - Sipex Corporation SPX2967 Datasheet HTML 11Page - Sipex Corporation SPX2967 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
ENABLE AND HOLD BEHAVIOR
VRO, SAT
V
RO
V
D, SAT
VLD
VUD
V
D
VRT
VQ, NOM
VQ
VL, HOLD
VU, HOLD
VE6
VL,INH
VU,INH
V
E2
V
I
t
t
t
t
t
t
1)
2)
4)
6)
7)
5)
10)
8)
3)
9)
tD
t
RR
<10us
<10us
1) Enable Device
2) Hold Inactive
3) Power-on reset
4) Hold active, clamped to
GND by external uC
5) Enable inactive, clamped by int.
pull down resistor.
6) Pulse width smaller than 1us.
7) Hold inactive, released by uC.
8) Voltage controller shutdown.
9) Output-low reset
10) No switch via V
possible after E6
was released to V
> V
for more
than 4 us.
E6
E6
E6, REL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com