Electronic Components Datasheet Search
  English  ▼

X  

SPX2967 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 2 Page - Sipex Corporation

  SPX2967 Datasheet HTML 1Page - Sipex Corporation SPX2967 Datasheet HTML 2Page - Sipex Corporation SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
APPLICATIONS INFORMATION
The IC regulates an input voltage V
I in the range of 5.5 V < VI <40 V to a nominal output voltage
of V
Q= 5.0V. A reset signal is generated for an output voltage of VQ < VRT (typ. 4.5V). The reset
delay can be set with an external capacitor. The device has two logic inputs. A voltage of V
E2 >4.0V
given to the E2-pin (e.g. by ignition) turns the device on. Depending on the voltage on pin E6 the
IC may be hold in active-state even if V
E2 goes down to low level. This makes it simple to
implement a self-holding circuit without external components. When the device is turned off, the
output voltage drops to 0V and current consumption tends towards 0 µA.
DESIGN NOTES FOR EXTERNAL COMPONENTS
The input capacitor C
I is necessary for compensation of line influences. The resonant circuit
consisting of lead inductance and input capacitance can be damped by a resistor of approxi-
mately 1Ω in series with C
I . The output capacitor is necessary for the stability of the regulating
circuit. Stability is guaranteed at values of ≥ 22µF and an ESR of less than 3Ω within the operating
temperature range.
The control amplifier compares a reference voltage, which is kept highly accurate by resistance
adjustment, to a voltage that is proportional to the output voltage and drives the base of the series
transistor via a buffer. Saturation control as a function of the load current prevents and over-
saturation of the power element.
The reset output RO is in high state if the voltage on the delay capacitor C
D greater than or equal
to V
UD. The delay capacitance CD is charged with the current ID for output voltages greater than
the reset threshold V
RT. If the output voltage gets lower than VRT a fast discharge of the delay
capacitor C
D sets in and as soon as VCD gets lower than VLD the reset output RO is set to low-level.
The reset delay can be set within wide range by dimensioning the capacitance of the external
capacitor.
CIRCUIT DESCRIPTION
PIN DESCRIPTION
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PN
O
I
T
P
I
R
C
S
E
D
1I
;
t
u
p
n
I
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
a
h
t
i
w
C
I
e
h
t
t
a
y
l
t
c
e
r
i
d
D
N
G
o
t
k
c
o
l
B
22
E
;
t
i
b
i
h
n
I
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
;
n
i
p
s
i
h
t
n
o
l
a
n
g
i
s
h
g
i
H
y
b
n
o
d
e
n
r
u
t
s
i
e
c
i
v
e
D
Ω
k
0
0
1
f
o
r
o
t
s
i
s
e
r
3O
R
;
t
u
p
t
u
O
t
e
s
e
R
k
0
3
a
a
i
v
Q
o
t
d
e
k
n
il
y
ll
a
n
r
e
t
n
i
s
i
t
u
p
t
u
o
r
o
t
c
e
ll
o
c
-
n
e
p
o
e
h
T
.
d
e
d
e
e
n
t
o
n
f
i
n
e
p
o
t
i
p
e
e
K
.
r
o
t
s
i
s
e
r
Ω
4D
N
G
;
d
n
u
o
r
G
p
i
h
c
f
o
r
a
e
r
o
t
d
e
t
c
e
n
n
o
c
5D
;
y
a
l
e
D
t
e
s
e
R
y
a
l
e
d
g
n
i
t
t
e
s
r
o
f
D
N
G
o
t
r
o
t
i
c
a
p
a
c
a
i
v
t
c
e
n
n
o
c
66
E
;
d
l
o
H
e
g
a
t
l
o
v
t
u
p
t
u
o
o
t
d
e
t
c
e
n
n
o
c
s
i
t
u
p
n
i
s
i
h
t
;
n
o
i
t
c
n
u
f
r
o
f
e
l
b
a
t
h
t
u
r
t
e
e
s
Ω
k
0
5
f
o
r
o
t
s
i
s
e
r
p
u
ll
u
p
a
a
i
v
7Q
;
t
u
p
t
u
O
V
5
Ω
3
<
R
S
E
,
r
o
t
i
c
a
p
a
c
F
µ
2
2
h
t
i
w
D
N
G
o
t
k
c
o
l
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com