Electronic Components Datasheet Search
  English  ▼

X  

SPX2967 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2967 Datasheet HTML 1Page - Sipex Corporation SPX2967 Datasheet HTML 2Page - Sipex Corporation SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
ABSOLUTE MAXIMUM RATINGS
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
e
u
l
a
V
t
i
m
i
Lt
i
n
Us
e
t
o
N
d
l
o
H
e
g
a
t
l
o
VV
6
E
3
.
0
-7
V
-
t
n
e
r
r
u
CI
6
E
--
A
md
e
t
i
m
i
L
y
ll
a
n
r
e
t
n
I
D
N
G
t
n
e
r
r
u
CI
D
N
G
5
.
0
--
A
-
s
e
r
u
t
a
r
e
p
m
e
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JT
J
0
4
-0
5
1C
º-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
g
t
s
0
5
-0
5
1C
º-
e
g
n
a
R
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
V
t
u
p
n
IV
I
5
.
50
4V
-
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
t
n
e
i
b
m
A
n
o
i
t
c
n
u
JR
a
j
h
t
-5
6W
/
Ke
g
a
k
c
a
p
0
2
2
O
T
n
i
P
7
e
s
a
c
-
n
o
i
t
c
n
u
JR
c
j
h
t
-6
W
/
Ke
g
a
k
c
a
p
0
2
2
O
T
n
i
P
7
e
s
a
c
-
n
o
i
t
c
n
u
JZ
c
j
h
t
-2
W
/
Ke
g
a
k
c
a
p
0
2
2
O
T
n
i
P
7
t
n
e
i
b
m
A
n
o
i
t
c
n
u
JR
a
j
h
t
-0
7W
/
Ke
g
a
k
c
a
p
3
6
2
O
T
n
i
P
7
e
s
a
c
-
n
o
i
t
c
n
u
JR
c
j
h
t
-6
W
/
Ke
g
a
k
c
a
p
3
6
2
O
T
n
i
P
7
e
s
a
c
-
n
o
i
t
c
n
u
JZ
c
j
h
t
-2
W
/
Ke
g
a
k
c
a
p
3
6
2
O
T
n
i
P
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com