Electronic Components Datasheet Search
  English  ▼

X  

SPX2967 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2967 Datasheet HTML 1Page - Sipex Corporation SPX2967 Datasheet HTML 2Page - Sipex Corporation SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
VIN = 13.5V; -40°C < TJ < 125°C. The ♦ denotes the specifications which apply over the full operating temperature range, unless
otherwise specified.
Note 1:
Drop voltage = VI - VQ measured when the output voltage has dropped 100mV from the nominal value obtained at 13.5V input.
r
e
t
e
m
a
r
a
Pm
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
e
g
a
t
a
l
o
V
t
u
p
t
u
OV
Q
9
.
40
.
51
.
5V
I
≤
A
m
5
Q
A
m
0
0
4
≤
V
≤
V
6
I
V
6
2
≤
e
g
a
t
a
l
o
V
t
u
p
t
u
OV
Q
9
.
40
.
51
.
5V
I
≤
A
m
5
Q
A
m
0
5
1
≤
V
≤
V
6
I
V
0
4
≤
g
n
i
t
i
m
i
L
t
n
e
r
r
u
C
t
u
p
t
u
OI
Q
0
0
5-
-
A
mj
TC
°
5
2
=
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
I
q
I
=
I
I
-
Q
I
q
--
0
5A
µf
f
o
d
e
n
r
u
t
C
I
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
I
q
I
=
I
I
-
Q
I
q
-0
.
10
1A
µ
j
TC
°
5
2
=
f
f
o
d
e
n
r
u
t
C
I
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
I
q
I
=
I
I
-
Q
I
q
-3
.
14
A
m
I
Q
A
m
5
=
n
o
d
e
n
r
u
t
C
I
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
I
q
I
=
I
I
-
Q
I
q
--
0
6A
mI
Q
A
m
0
0
4
=
n
o
i
t
p
m
u
s
n
o
C
t
n
e
r
r
u
C
I
q
I
=
I
I
-
Q
I
q
--
0
8A
m
I
Q
A
m
0
0
4
=
V
r
V
5
=
e
g
a
t
l
o
V
p
o
r
DV
R
D
-3
.
06
.
0V
I
Q
)
1
e
t
o
n
(
A
m
0
0
4
=
n
o
i
t
a
l
u
g
e
R
d
a
o
LV
∆
Q
--
0
5V
mI
≤
A
m
5
Q
A
m
0
0
4
≤
n
o
i
t
a
l
u
g
e
r
e
g
a
t
l
o
v
-
y
l
p
p
u
SV
∆
Q
-5
15
2V
m
V
I
V
6
3
o
t
6
=
I
Q
A
m
5
=
n
o
i
t
c
e
j
e
r
e
g
a
t
l
o
v
-
y
l
p
p
u
SV
∆
Q
-4
5-
B
d
f
r
z
H
0
0
1
=
V
r
V
5
.
0
=
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
LV
∆
Q
-0
-
V
mh
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com