Electronic Components Datasheet Search
  English  ▼

X  

SPX2967 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation SPX2967 Datasheet HTML 10Page - Sipex Corporation SPX2967 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
TEST CIRCUIT
SPX2967
I
1000µF
V
Q
I
I
470nF
V
I
V
E2
Inhibit
I
GND
GND
I
Q
Q
RO
I
RO
4.7 kΩ
22µF
V
R
V
C
I
D
HOLD
D
BLOCK DIAGRAM
Adjustment
Bandgap
Reference
Turn-On/Turn-OFF
Logic
Reset
Generator
Saturation Control
Protection Circuit
5V Output
Q
D
RO
Temperature
Sensor
Reset
Delay
Reset
Output
Ground
Hold
Inhibit
I
Input
GND
E6
E2
Buffer
Control
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com