Electronic Components Datasheet Search
  English  ▼

X  

SPX2967 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2967
Description  400mA Low Dropout Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2967 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2967 Datasheet HTML 2Page - Sipex Corporation SPX2967 Datasheet HTML 3Page - Sipex Corporation SPX2967 Datasheet HTML 4Page - Sipex Corporation SPX2967 Datasheet HTML 5Page - Sipex Corporation SPX2967 Datasheet HTML 6Page - Sipex Corporation SPX2967 Datasheet HTML 7Page - Sipex Corporation SPX2967 Datasheet HTML 8Page - Sipex Corporation SPX2967 Datasheet HTML 9Page - Sipex Corporation SPX2967 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 8/23/04
SPX2967 400mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
VIN = 13.5V; -40°C < TJ < 125°C. The ♦ denotes the specifications which apply over the full operating temperature range, unless
otherwise specified.
Note 2:
The reset output is low for 1V < VQ < VRT
r
e
t
e
m
a
r
a
Pm
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
r
o
t
a
r
e
n
e
G
t
e
s
e
R
d
l
o
h
s
e
r
h
T
g
n
i
h
c
t
i
w
SV
T
R
2
.
45
.
48
.
4V
-
l
e
v
e
L
h
g
i
H
t
e
s
e
R-
5
.
4-
-
V
R
t
x
e
=
∞
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
SV
T
A
S
,
O
R
-1
.
04
.
0V
R
R
)
2
e
t
o
n
(
Ω
k
7
.
4
=
r
o
t
s
i
s
e
r
p
u
ll
u
P
l
a
n
r
e
t
n
IV
O
R
-0
3-
Ω
k-
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
SV
T
A
S
,
D
-0
50
0
1V
mV
Q
V
<
T
R
t
n
e
r
r
u
C
e
g
r
a
h
CI
D
85
15
2
Α
µ
V
D
V
5
.
1
=
g
n
i
h
c
t
i
w
s
y
a
l
e
d
r
e
p
p
U
d
l
o
h
s
e
r
h
t
V
D
U
6
.
23
3
.
3V
-
e
m
i
T
y
a
l
e
D
t
D
-0
2-
s
mC
d
F
n
0
0
1
=
g
n
i
h
c
t
i
w
s
y
a
l
e
d
r
e
w
o
L
d
l
o
h
s
e
r
h
t
V
D
L
-3
4
.
0-
V
-
e
m
i
t
n
o
i
t
c
a
e
r
t
e
s
e
Rt
R
R
-2
-
µS
F
n
0
0
1
=
C
t
i
b
i
h
n
I
e
g
a
t
l
o
v
n
o
n
r
u
TV
H
N
I
,
U
-3
4
V
n
o
d
e
n
r
u
t
C
I
e
g
a
t
l
o
v
f
f
o
n
r
u
TV
H
N
I
,
L
2-
-
V
f
f
o
d
e
n
r
u
t
C
I
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
PR
H
N
I
0
50
0
10
0
2
Ω
k-
s
i
s
e
r
e
t
s
y
HV
∆
H
N
I
2
.
05
.
08
.
0V
-
t
n
e
r
r
u
C
t
u
p
n
II
H
N
I
-5
30
0
1
Α
µ
V
H
N
I
4
= V
e
g
a
t
l
o
V
d
l
o
HV
D
L
O
H
,
U
0
35
30
4%
o
t
d
e
r
r
e
f
e
RV
Q
e
g
a
t
l
o
V
f
f
o
n
r
u
TV
D
L
O
H
,
L
0
60
70
8%
o
t
d
e
r
r
e
f
e
RV
Q
r
o
t
s
i
s
e
R
p
u
ll
u
PR
D
L
O
H
0
20
50
0
1
Ω
k-
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
v
r
e
v
O
e
g
a
t
l
o
V
f
f
o
n
r
u
TV
V
O
,
L
2
44
46
4V
-
s
i
s
e
r
e
t
s
y
H
n
o
n
r
u
TV
∆
V
O
,
L
2-
6
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com