Electronic Components Datasheet Search
  English  ▼

X  

SP3508 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3508 Datasheet HTML 5Page - Sipex Corporation SP3508 Datasheet HTML 6Page - Sipex Corporation SP3508 Datasheet HTML 7Page - Sipex Corporation SP3508 Datasheet HTML 8Page - Sipex Corporation SP3508 Datasheet HTML 9Page - Sipex Corporation SP3508 Datasheet HTML 10Page - Sipex Corporation SP3508 Datasheet HTML 11Page - Sipex Corporation SP3508 Datasheet HTML 12Page - Sipex Corporation SP3508 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
PINOUT
GND 1
SDEN 2
TTEN 3
STEN 4
RSEN 5
TREN 6
RRCEN 7
RLEN 8
LLEN 9
RDEN 10
RTEN 11
TXCEN 12
CSEN13
DMEN 14
RRTEN 15
ICEN 16
TMEN 17
D0 18
D1 19
D2 20
D_LATCH 21
TERM_OFF 22
VCC 23
C3P 24
GND 25
75 GND
74 C1P
73 VCC
72 C2P
71 GND
70 C1N
69 C2N
68 VSS1
67 RL(a)
66 VCC
65 LL(a)
64 TM(a)
63 IC
62 RRT(a)
61 RRT(b)
60 GNDV10
59 DM(a)
58 DM(b)
57 CS(a)
56 CS(b)
55 TXC(a)
54 GND
53 TXC(b)
52 RT(a)
51 RT(b)
SP3508
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com