Electronic Components Datasheet Search
  English  ▼

X  

SP3508 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 3 Page - Sipex Corporation

  SP3508 Datasheet HTML 1Page - Sipex Corporation SP3508 Datasheet HTML 2Page - Sipex Corporation SP3508 Datasheet HTML 3Page - Sipex Corporation SP3508 Datasheet HTML 4Page - Sipex Corporation SP3508 Datasheet HTML 5Page - Sipex Corporation SP3508 Datasheet HTML 6Page - Sipex Corporation SP3508 Datasheet HTML 7Page - Sipex Corporation SP3508 Datasheet HTML 8Page - Sipex Corporation SP3508 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
ELECTRICAL SPECIFICATIONS
TA = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted. The
♦ denotes the specifications which apply over the full operating
temperature range (-40°C to +85°C), unless otherwise specified.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
)
s
t
u
p
n
I
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
E
C
E
R
8
2
.
V
e
c
n
a
d
e
p
m
I
t
u
p
n
I3
7
♦
♦
♦
♦
♦
k
Ω
7
e
r
u
g
i
F
r
e
p
s
a
i
B
t
i
u
c
r
i
C
-
n
e
p
O0
.
2
+
♦
♦
♦
♦
♦
V8
e
r
u
g
i
F
r
e
p
d
l
o
h
s
e
r
h
T
H
G
I
H7
.
10
.
3
♦
♦
♦
♦
♦
V
d
l
o
h
s
e
r
h
T
W
O
L8
.
02
.
1
♦
♦
♦
♦
♦
V
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
E
C
E
R
8
2
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
0
10
0
5s
n
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
0
10
0
5s
n
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
x
a
M0
2
15
3
2s
p
b
k
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
R
D
0
1
.
V
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O0
.
4
±0
.
6
±
♦
♦
♦
♦
♦
V9
e
r
u
g
i
F
r
e
p
e
g
a
t
l
o
V
d
e
t
a
n
i
m
r
e
T
-
t
s
e
TV
9
.
0
C
O
V0
1
e
r
u
g
i
F
r
e
p
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S0
5
1
±A
m1
1
e
r
u
g
i
F
r
e
p
t
n
e
r
r
u
C
f
f
O
-
r
e
w
o
P0
0
1
±
♦
♦
♦
♦
♦
A
µ2
1
e
r
u
g
i
F
r
e
p
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
R
D
0
1
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
e
m
i
T
n
o
i
t
i
s
n
a
r
T0
0
2
♦
♦
♦
♦
♦
s
n%
0
9
o
t
%
0
1
;
3
1
e
r
u
g
i
F
r
e
p
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
0
10
0
5
♦
♦
♦
♦
♦
s
n
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
0
10
0
5
♦
♦
♦
♦
♦
s
n
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
x
a
M0
2
1
♦
♦
♦
♦
♦
s
p
b
k
)
s
t
u
p
n
I
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
E
C
E
R
0
1
.
V
t
n
e
r
r
u
C
t
u
p
n
I5
2
.
3
-5
2
.
3
+A
m5
1
d
n
a
4
1
s
e
r
u
g
i
F
r
e
p
e
c
n
a
d
e
p
m
I
t
u
p
n
I4
♦
♦
♦
♦
♦
k
Ω
y
t
i
v
i
t
i
s
n
e
S3
.
0
±
♦
♦
♦
♦
♦
V
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
E
C
E
R
0
1
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
2
10
5
2
♦
♦
♦
♦
♦
s
n
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
2
10
5
2
♦
♦
♦
♦
♦
s
n
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
x
a
M0
2
1
♦
♦
♦
♦
♦
s
p
b
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com