Electronic Components Datasheet Search
  English  ▼

X  

SP3508 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP3508 Datasheet HTML 14Page - Sipex Corporation SP3508 Datasheet HTML 15Page - Sipex Corporation SP3508 Datasheet HTML 16Page - Sipex Corporation SP3508 Datasheet HTML 17Page - Sipex Corporation SP3508 Datasheet HTML 18Page - Sipex Corporation SP3508 Datasheet HTML 19Page - Sipex Corporation SP3508 Datasheet HTML 20Page - Sipex Corporation SP3508 Datasheet HTML 21Page - Sipex Corporation SP3508 Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 33. Driver Timing Test Load Circuit
Figure 34. Receiver Timing Test Load Circuit
Figure 35. Driver Propagation Delays
Figure 36. Driver Enable and Disable Times
Figure 37. Receiver Propagation Delays
500Ω
CL
Output
Under
Test
S1
S2
VCC
1KΩ
1KΩ
CRL
Receiver
Output
S1
S2
Test Point
VCC
+3V
0V
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
Mx or Tx_Enable
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
VOH
VOL
RECEIVER OUT
(VOH - VOL)/2
(VOH - VOL)/2
tPLH
f > 10MHz; tR < 5ns; tF < 5ns
OUTPUT
V0D2+
V0D2–
A – B
0V
0V
tPHL
INPUT
t
SKEW
= | tPHL - tPLH |
+3V
0V
DRIVER
INPUT
A
B
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VB – VA
0V
VO–
1.5V
1.5V
tPLH
tR
tF
f > 10MHz; tR < 5ns; tF < 5ns
VO
1/2VO
1/2VO
tPHL
tDPLH
tDPHL
tSKEW = | tDPLH - tDPHL |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com