Electronic Components Datasheet Search
  English  ▼

X  

SP3508 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3508 Datasheet HTML 1Page - Sipex Corporation SP3508 Datasheet HTML 2Page - Sipex Corporation SP3508 Datasheet HTML 3Page - Sipex Corporation SP3508 Datasheet HTML 4Page - Sipex Corporation SP3508 Datasheet HTML 5Page - Sipex Corporation SP3508 Datasheet HTML 6Page - Sipex Corporation SP3508 Datasheet HTML 7Page - Sipex Corporation SP3508 Datasheet HTML 8Page - Sipex Corporation SP3508 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
ELECTRICAL SPECIFICATIONS
TA = 0 to 70°C and VCC = 3.3V ± 5% unless otherwise noted. The
♦ denotes the specifications which apply over the full operating
temperature range (-40°C to +85°C), unless otherwise specified.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
R
D
1
1
.
V
V
(
e
g
a
t
l
o
V
t
i
u
c
r
i
C
n
e
p
O
C
O )0
.
6
±
♦
♦
♦
♦
♦
V6
1
e
r
u
g
i
F
r
e
p
e
g
a
t
l
o
V
d
e
t
a
n
i
m
r
e
T
t
s
e
T0
.
2
±
♦
♦
♦
♦
♦
V7
1
e
r
u
g
i
F
r
e
p
5
.
0V
(
C
O )
♦
♦
♦
♦
♦
V
e
c
n
a
l
a
B4
.
0
±V
7
1
e
r
u
g
i
F
r
e
p
t
e
s
f
f
O0
.
3
+
♦
♦
♦
♦
♦
V7
1
e
r
u
g
i
F
r
e
p
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S0
5
1
±
♦
♦
♦
♦
♦
A
m8
1
e
r
u
g
i
F
r
e
p
t
n
e
r
r
u
C
f
f
O
-
r
e
w
o
P0
0
1
±
♦
♦
♦
♦
♦
A
µ9
1
e
r
u
g
i
F
r
e
p
)
s
t
u
p
t
u
O
(
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
R
D
1
1
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
e
m
i
T
n
o
i
t
i
s
n
a
r
T0
1
♦
♦
♦
♦
♦
s
n
o
t
%
0
1
;
5
3
d
n
a
1
2
s
e
r
u
g
i
F
r
e
p
;
F
p
0
5
=
L
C
g
n
i
s
U
%
0
9
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
30
6
♦
♦
♦
♦
♦
s
n5
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
30
6
♦
♦
♦
♦
♦
s
n5
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
w
e
k
S
l
a
i
t
n
e
r
e
f
f
i
D5
0
1
♦
♦
♦
♦
♦
s
n5
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
.
x
a
M0
2
♦
♦
♦
♦
♦
s
p
b
M
)
s
t
u
p
n
I
(
s
r
e
t
e
m
a
r
a
P
C
D
R
E
V
I
E
C
E
R
1
1
.
V
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C7
-7
+
♦
♦
♦
♦
♦
V
y
t
i
v
i
t
i
s
n
e
S2
.
0
±
♦
♦
♦
♦
♦
V
t
n
e
r
r
u
C
t
u
p
n
I5
2
.
3
-5
2
.
3
±
A
m
r
o
n
o
r
e
w
o
p
;
2
2
d
n
a
0
2
e
r
u
g
i
F
r
e
p
f
f
o
Ω
0
0
1
/
w
t
n
e
r
r
u
C
n
o
i
t
a
n
i
m
r
e
T
-
7
.
0
6
±
5
A
m
4
2
d
n
a
3
2
e
r
u
g
i
F
r
e
p
e
c
n
a
d
e
p
m
I
t
u
p
n
I4
♦
♦
♦
♦
♦
k
Ω
s
r
e
t
e
m
a
r
a
P
C
A
R
E
V
I
E
C
E
R
1
1
.
V
V
C
C
s
r
e
t
e
m
a
r
a
p
C
A
r
o
f
V
3
.
3
+
=
F
p
0
5
=
L
C
g
n
i
s
U
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
L
H
P
0
30
6s
n7
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
t
:
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
H
L
P
0
30
6s
n7
3
d
n
a
2
3
s
e
r
u
g
i
F
r
e
p
w
e
k
S5
0
1s
n2
3
e
r
u
g
i
F
r
e
p
e
t
a
R
n
o
i
s
s
i
m
s
n
a
r
T
x
a
M0
2s
p
b
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com