Electronic Components Datasheet Search
  English  ▼

X  

SP3508 Datasheet(PDF) 25 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 25 Page - Sipex Corporation

Back Button SP3508 Datasheet HTML 21Page - Sipex Corporation SP3508 Datasheet HTML 22Page - Sipex Corporation SP3508 Datasheet HTML 23Page - Sipex Corporation SP3508 Datasheet HTML 24Page - Sipex Corporation SP3508 Datasheet HTML 25Page - Sipex Corporation SP3508 Datasheet HTML 26Page - Sipex Corporation SP3508 Datasheet HTML 27Page - Sipex Corporation SP3508 Datasheet HTML 28Page - Sipex Corporation SP3508 Datasheet HTML 29Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
25
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Phase 2
-VSS1 transfer -Phase two of the clock connects the negative terminal of C2 to the VSS1 storage capacitor
and the positive terminal of C2 to ground, and transfers the negative generated voltage to CVSS1. This
generated voltage is regulated to -5.5V. Simultaneously, the positive side of the capacitor C1 is switched
to VCC and the negative side is connected to ground.
FEATURES
Phase 3
-VDD charge storage -The third phase of the clock is identical to the first phase-the charge transferred in
C1 produces -VCC in the negative terminal of C1 which is applied to the negative side of the capacitor C2.
Since C2+ is at VCC, the voltage potential across C2 is 2xVCC.
VCC = +3V
–6V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
+
+
++
–
–
–
–
CVDD
CVSS1
Figure 46. Charge Pump - Phase 2.
VCC = +3V
–3V
+3V
–3V
VSS1 Storage Capacitor
VDD Storage Capacitor
C1
C2
+
+
++
–
–
–
–
CVSS1
CVDD
Figure 47.Charge Pump - Phase 3.
Phase 4
-VDD transfer -The fourth phase of the clock connects the negative terminal of C2 to ground, and transfers
the generated 5.5V across C2 to CVDD, the VDD storage capacitor. This voltage is regulated to +5.5V. At
the regulated voltage, the internal oscillator is disabled and simultaneously with this, the positive side of
capacitor C1 is switched to VCC and the negative side is connected to ground, and the cycle begins again.
The charge pump cycle will continue as long as the operational conditions for the internal oscillator are
present. Since both V+ and V- are separately generated from VCC; in a no-load condition V+ and V- will
be symmetrical. Older charge pump approaches that generate V- from V+ will show a decrease in the
magnitude of
V- compared to V+ due to the inherent inefficiencies in the design. The clock rate for the charge pump
typically operates at 250kHz. The external capacitors can be as low as 1
µF with a 16V breakdown voltage
rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com