Electronic Components Datasheet Search
  English  ▼

X  

SP3508 Datasheet(PDF) 23 Page - Sipex Corporation

Part # SP3508
Description  Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3508 Datasheet(HTML) 23 Page - Sipex Corporation

Back Button SP3508 Datasheet HTML 19Page - Sipex Corporation SP3508 Datasheet HTML 20Page - Sipex Corporation SP3508 Datasheet HTML 21Page - Sipex Corporation SP3508 Datasheet HTML 22Page - Sipex Corporation SP3508 Datasheet HTML 23Page - Sipex Corporation SP3508 Datasheet HTML 24Page - Sipex Corporation SP3508 Datasheet HTML 25Page - Sipex Corporation SP3508 Datasheet HTML 26Page - Sipex Corporation SP3508 Datasheet HTML 27Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23
Date: 06/14/04
SP3508 Enhanced WAN Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
The fourth type of drivers are V.35 differential
drivers. There are only three available on the
SP3508 for data and clock (TxD, TxCE, and TxC
in DCE mode). These drivers are current sources
that drive loop current through a differential pair
resulting in a 550mV differential voltage at the
receiver. These drivers also incorporate fixed
termination networks for each driver in order to
set the V
OH and VOL depending on load conditions.
This termination network is basically a “Y”
configuration consisting of two 51
Ω resistors
connected in series and a 124
Ω resistor connected
between the two 50
Ω resistors to GND. Filtering
can be done on these pins to reduce common
mode noise transmitted over the transmission
line by connecting a capacitor to ground.
The drivers also have separate enable pins
which simplifies half-duplex configurations for
some applications, especially programmable
DTE/DCE. The enable pins will either enable or
disable the output of the drivers according to the
appropriate active logic illustrated on Figure 44.
The enable pins have internal pull-up and pull-
down devices, depending on the active polarity
of the receiver, that enable the driver upon power-
on if the enable lines are left floating. During
disabled conditions, the driver outputs will be at
a high impedance 3-state.
The driver inputs are both TTL or CMOS
compatible. All driver inputs have an internal
pull-up resistor so that the output will be at a
defined state at logic LOW (“0”). Unused driver
inputs can be left floating. The internal pull-up
resistor value is approximately 500k
Ω.
Receivers
The SP3508 has eight enhanced independent
receivers. Control for the mode selection is done
via a three-bit control word that is the same as the
driver control word. Therefore, the modes for
the drivers and receivers are identical in the
application.
Like the drivers, the receivers are prearranged
for the specific requirements of the synchronous
serial interface. As the operating mode of the
receivers is changed, the electrical characteristics
will change to support the required serial interface
protocols of the receivers. Table 1 shows
the mode of each receiver in the different
interface modes that can be selected. There are
two basic types of receiver circuits—ITU-T-V .28
(RS-232) and ITU-T-V.11, (RS-422).
The RS-232 (V.28) receiver is single-ended and
accepts RS-232 signals from the RS-232 driver.
The RS-232 receiver has an operating input
voltage range of +15V and can receive signals
downs to +3V. The input sensitivity complies
with RS-232 and V.28 at +3V. The input
impedance is 3k
Ω to 7kΩ in accordance to RS-
232 and V.28. The receiver output produces a
TTL/CMOS signal with a +2.4V minimum for
a logic “1” and a +0.4V maximum for a logic “0”.
The RS-232 (V.28) protocol uses these receivers
for all data, clock and control signals. They are
also used in V.35 mode for control line signals:
CTS, DSR, LL, and RL. The RS-232 receivers
can operate over 120kbps.
The second type of receiver is a differential type
that can be configured internally to support
ITU-T-V.10 and CCITT-V.35 depending on its
input conditions. This receiver has a typical
input impedance of 10k
Ω and a differential
threshold of less than +200mV, which complies
with the ITU-T-V.11 (RS-422) specifications.
V.11 receivers are used in RS-449/V.36,
EIA-530, EIA-530A and X.21 as Category I
signals for receiving clock, data, and some control
line signals not covered by Category II V.10
circuits. The differential V.11 transceiver has
improved architecture that allows over 20Mbps
transmission rates.
Receivers dedicated for data and clock (RxD,
RxC, TxC) incorporate internal termination for
V.11. The termination resistor is typically 120
Ω
connected between the A and B inputs. The
termination is essential for minimizing crosstalk
and signal reflection over the transmission line .
The minimum value is guaranteed to exceed
100
Ω, thus complying with the V.11 and RS-422
specifications. This resistor is invoked when the
receiver is operating as a V.11 receiver, in modes
EIA-530, EIA-530A, RS-449/V.36, and X.21.
FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com