Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3972_15 Datasheet HTML 17Page - Texas Instruments LP3972_15 Datasheet HTML 18Page - Texas Instruments LP3972_15 Datasheet HTML 19Page - Texas Instruments LP3972_15 Datasheet HTML 20Page - Texas Instruments LP3972_15 Datasheet HTML 21Page - Texas Instruments LP3972_15 Datasheet HTML 22Page - Texas Instruments LP3972_15 Datasheet HTML 23Page - Texas Instruments LP3972_15 Datasheet HTML 24Page - Texas Instruments LP3972_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
LP3972
www.ti.com
SNVS468L – SEPTEMBER 2006 – REVISED NOVEMBER 2015
8.4 Device Functional Modes
8.4.1 Start-Up Mode
Start-up mode is entered once the battery backup supply is connected to LP3972. The RTC LDO is then turned
on to power the VCC_BATT pin of the application processor. Start-up state exits once nRSTO de-asserts (after a
minimum of 50 ms) and when nBATT_FLT de-asserts once system power is available.
8.4.2 Shutdown Mode
During shutdown the PFET switch, reference, control and bias circuitry of the converters are turned off. The
NFET switch opens in shutdown to discharge the output. When the converter is enabled, EN, soft start is
activated. It is recommended to disable the converter during the system power up and undervoltage conditions
when the supply is less than 2.7V.
8.4.3 Standby Mode
Once NRSTO and nBATT_FLT are de-asserted the LP3972 waits for SYS_EN signal in standby mode. All high-
voltage power domains are still disabled in this state.
8.4.4 Active Mode
Once SYS_EN goes high the device begins turning on the high-voltage power supplies. Once PWR_EN goes
high the LP3972 enables the low-voltage power supplies. The Apps processor must monitor the “Power OK”
status bits before beginning execution of code to make sure all supplies have been properly enabled.
8.5 Programming
8.5.1 LP3972 Reset Sequence
8.5.1.1 LP3972 Controls
8.5.1.1.1
Digital Interface Control Signals
SIGNAL
DEFINITION
ACTIVE STATE
SIGNAL DIRECTION
SYS_EN
High Voltage Power Enable
High
Input
PWR_EN
Low Voltage Power Enable
High
Input
SCL
Serial Bus Clock Line
Clock
Input
SDA
Serial Bus Data Line
Bidirectional
nRSTI
Forces an unconditional
Low
Input
hardware reset
nRSTO
Forces an unconditional
Low
Output
hardware reset
nBATT_FLT
Main Battery removed or
Low
Output
discharged indicator
PWR_ON
Wake-up Input to CPU
High
Input
nTEST_JIG
Wake-up Input to CPU
Low
Input
SPARE
Wake-up Input to CPU
High/Low
Input
EXT_WAKEUP
Wake-up Output for application
High
Output
processor
GPIO1 / nCHG_EN
General Purpose I/O /External
—
Bidirectional /Input
backup Battery Charger enable
GPIO2
General Purpose I/O
—
Bidirectional
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com