Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 32 Page - Texas Instruments

Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP3972_15 Datasheet HTML 28Page - Texas Instruments LP3972_15 Datasheet HTML 29Page - Texas Instruments LP3972_15 Datasheet HTML 30Page - Texas Instruments LP3972_15 Datasheet HTML 31Page - Texas Instruments LP3972_15 Datasheet HTML 32Page - Texas Instruments LP3972_15 Datasheet HTML 33Page - Texas Instruments LP3972_15 Datasheet HTML 34Page - Texas Instruments LP3972_15 Datasheet HTML 35Page - Texas Instruments LP3972_15 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
LP3972
SNVS468L – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
Bit
Access
Name
Description
1
—
—
Reserved
0
R
A_OK
VCC_APPS Supply output Voltage Status
0 - VCC_APPS (Buck1) output voltage < 90% of selected value
1 - VCC_APPS (Buck1) output voltage > 90% of selected value
8.6.1.4 Output Voltage Enable Register 2
This 8 bit output register enables and disables the output voltages on the LDOs 2,3,4 supplies.
8.6.1.4.1
Output Voltage Enable Register 2 (OVER2) 8h’12
Bit
7
6
5
4(1)
3(1)
2(1)
1
0
Designation
Reserved
LDO4_EN
LDO3_EN
LDO2_EN
Reserved
Reset Value
0
0
0
0
0
0
0
0
(1)
One-time factory programmable EPROM registers for default values
8.6.1.4.2
Output Voltage Enable Register 2 (OVER2) 8h’12 Definitions
BIT
ACCESS
NAME
DESCRIPTION
7
—
—
Reserved
6
—
—
Reserved
5
—
—
Reserved
4
R/W
LDO4_EN
LDO4 Output Voltage Enable
0 = LDO4 Supply Output Disabled, Default
1 = LDO4 Supply Output Enabled
3
R/W
LDO3_EN
LDO3 Output Voltage Enable
0 = LDO3 Supply Output Disabled, Default
1 = LDO3 Supply Output Enabled
2
R/W
LDO2_EN
LDO2 Output Voltage Enable
0 = LDO2 Supply Output Disabled, Default
1 = LDO2 Supply Output Enabled
1
—
—
Reserved
0
—
—
Reserved
8.6.1.5 Output Voltage Status Register 2
8.6.1.5.1
Output Voltage Status Register 2 (OVSR2) 8h’13
BIT
7
6
5
4
3
2
1
0
Designation
LDO_OK
N/A
N/A
LDO4_OK
LDO3_OK
LDO2_OK
N/A
N/A
Reset Value
0
0
0
0
0
0
0
0
8.6.1.5.2
Output Voltage Status Register 2 (OVSR2) 8h’13 Definitions
BIT
ACCESS
NAME
DESCRIPTION
7
R
LDO_OK
LDOs 2-4 Supply Output Voltage Status
0 - (LDOs 2-4) output voltage < 90% of selected value
1 - (LDOs 2-4) output voltage > 90% of selected value
6
—
—
Reserved
5
—
—
Reserved
4
R
LDO4_OK
LDO4 Output Voltage Status
0 - (VCC_LDO4) output voltage < 90% of selected value
1 - (VCC_LDO4) output voltage > 90% of selected value
3
R
LDO3_OK
LDO3 Output Voltage Status
0 - (VCC_LDO3) output voltage < 90% of selected value
1 - (VCC_LDO3) output voltage > 90% of selected value
32
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com