Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 49 Page - Texas Instruments

Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP3972_15 Datasheet HTML 45Page - Texas Instruments LP3972_15 Datasheet HTML 46Page - Texas Instruments LP3972_15 Datasheet HTML 47Page - Texas Instruments LP3972_15 Datasheet HTML 48Page - Texas Instruments LP3972_15 Datasheet HTML 49Page - Texas Instruments LP3972_15 Datasheet HTML 50Page - Texas Instruments LP3972_15 Datasheet HTML 51Page - Texas Instruments LP3972_15 Datasheet HTML 52Page - Texas Instruments LP3972_15 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
LP3972
www.ti.com
SNVS468L – SEPTEMBER 2006 – REVISED NOVEMBER 2015
Typical Application (continued)
9.2.1 Design Requirements
For typical PMU advanced application processor applications, use the parameters listed in Table 10.
Table 10. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.7
Maximum input voltage
5.5
External SYNC clock used
No
LDO RTC output voltage
2.8 V
LDO1 output voltage
1.8 V
LDO2 output voltage
1.8 V
LDO3 output voltage
3 V
LDO4output voltage
3 V
LDO5 output voltage
1.4 V
BUCK1 output voltage
1.4 V
BUCK2 output voltage
3.3 V
BUCK3 output voltage
1.8 V
Low voltage designated rails
LDO5, BUCK1
High voltage designated rails
LDO1, LDO2, LDO3, LDO4, BUCK2, BUCK3
9.2.2 Detailed Design Procedure
9.2.2.1 LDO Considerations
9.2.2.1.1
External Capacitors
Regulators of the LP3972require external capacitors for regulator stability. These are specifically designed for
portable applications requiring minimum board space and smallest components. These capacitors must be
correctly selected for good performance.
9.2.2.1.2
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected between the
LDO input pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when
connected to a low impedance source of power (like a battery or a very large
capacitor). If a tantalum capacitor is used at the input, it must be ensured by the
manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance remains
approximately 1 µF over the entire operating temperature range.
9.2.2.1.3
Output Capacitor
The LDOs are designed specifically to work with very small ceramic output capacitors. A 1-µF ceramic capacitor
(temperature types Z5U, Y5V or X7R) with ESR between 5 m
Ω to 500 mΩ, are suitable in the application circuit.
For this device the output capacitor must be connected between the VOUT pin and ground.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com