Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP3972_15 Datasheet HTML 35Page - Texas Instruments LP3972_15 Datasheet HTML 36Page - Texas Instruments LP3972_15 Datasheet HTML 37Page - Texas Instruments LP3972_15 Datasheet HTML 38Page - Texas Instruments LP3972_15 Datasheet HTML 39Page - Texas Instruments LP3972_15 Datasheet HTML 40Page - Texas Instruments LP3972_15 Datasheet HTML 41Page - Texas Instruments LP3972_15 Datasheet HTML 42Page - Texas Instruments LP3972_15 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
LP3972
www.ti.com
SNVS468L – SEPTEMBER 2006 – REVISED NOVEMBER 2015
8.6.1.17 LDO4 – LDO3 Voltage Control Register (L34VCR)
8.6.1.17.1
LDO4 – LDO3 Voltage Control Register (L34VCR) 8h’3A
BIT
7(1)
6(1)
5(1)
4(1)
3(1)
2(1)
1(1)
0(1)
Designation
LDO4 Output Voltage (L4OV)
LDO3 Output Voltage (L3OV)
Reset Value
0
0
0
0
0
0
0
0
(1)
One-time factory programmable EPROM registers for default values.
8.6.1.17.2
LDO4 – LDO3 Voltage Control Register (L34VCR) 8h’3A Definitions
BIT
ACCESS
NAME
DESCRIPTION
7:4
R/W
L4OV
Data Code
Output Voltage
4h’0
1.00
4h’1
1.05
4h’2
1.10
4h’3
1.15
4h’4
1.20
4h’5
1.25
4h’6
1.30
4h’7
1.35
4h’8
1.40
4h’9
1.50
4h’A
1.80
4h’B
1.90
4h’C
2.50
4h’D
2.80
4h’E (default0
3.00 (default) (Default)
4h’F
3.30
3:0
R/W
L3OV
Data Code
Output Voltage
4h’0
1.8
4h’1
1.9
4h’2
2.0
4h’3
2.1
4h’4
2.2
4h’5
2.3
4h’6
2.4
4h’7
2.5
4h’8
2.6
4h’9
2.7
4h’A
2.8
4h’B
2.9
4h’C (default)
3.0 (Default)
4h’D
3.1
4h’E
3.2
4h’F
3.3
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com