Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3972_15 Datasheet HTML 5Page - Texas Instruments LP3972_15 Datasheet HTML 6Page - Texas Instruments LP3972_15 Datasheet HTML 7Page - Texas Instruments LP3972_15 Datasheet HTML 8Page - Texas Instruments LP3972_15 Datasheet HTML 9Page - Texas Instruments LP3972_15 Datasheet HTML 10Page - Texas Instruments LP3972_15 Datasheet HTML 11Page - Texas Instruments LP3972_15 Datasheet HTML 12Page - Texas Instruments LP3972_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
LP3972
www.ti.com
SNVS468L – SEPTEMBER 2006 – REVISED NOVEMBER 2015
7.7 Electrical Characteristics: LDOs 1 to 5
VIN = 3.6 V, CIN = 1 µF, COUT = 0.47 µF, COUT (VRTC) = 1.0 µF ceramic (unless otherwise noted). Typical values and limits
apply for TJ = 25°C; minimum and maximum limits apply over the entire junction temperature range for operation, −40°C to
+125°C, unless otherwise specified. All voltages are with respect to the potential at the GND pin.
(1) (2) (3) (4) (5) (6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage accuracy
VOUT accuracy
Load current = 1 mA
–3%
3%
(default VOUT)
VIN = 3.1 V to 5 V
(7),
0.15
Line regulation
%/V
Load Current = 1 mA
ΔVOUT
VIN = 3.6 V,
0.011
Load regulation
%/mA
Load current = 1 mA to IMAX
LDO1–4, VOUT = 0 V
400
ISC
Short-circuit current limit
mA
LDO5, VOUT = 0 V
500
VIN – VOUT
Dropout voltage
Load current = 50 mA(8)
150
mV
Power Supply Ripple
45
PSRR
ƒ = 10 kHz, load current = IMAX
dB
Rejection
Quiescent current On
IOUT = 0 mA
40
IQ
Quiescent current On
IOUT = IMAX
60
µA
Quiescent current Off
EN is de-asserted
0.03
TON
Turnon time
Start-up from shutdown
300
µs
Capacitance for stability
0.33
0.47
0°C
≤ TJ ≤ 125°C
µF
COUT
Output capacitor
−40°C ≤ TJ ≤ 125°C
0.68
1.0
ESR
5
500
m
Ω
(1)
All limits specified at room temperature and are production tested, ensured through statistical analysis or ensured by design. All limits at
temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to
calculate Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
(3)
LDO_RTC voltage can track LDO3 voltage. LP3972 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage tracks
LDO3 voltage within 200 mV down to 2.8 V when LDO3 is enabled.
(4)
VIN minimum for line regulation values is 2.7 V for LDOs 1–3 and 1.8 V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
(5)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(6)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for input voltages below 2.7 V for LDOs 1 to 3 and 1.8 V for LDOs 4 and 5.
(7)
VIN minimum for line regulation values is 2.7 V for LDOs 1–3 and 1.8 V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
(8)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com