Electronic Components Datasheet Search
  English  ▼

X  

LP3972 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3972_15 Datasheet HTML 9Page - Texas Instruments LP3972_15 Datasheet HTML 10Page - Texas Instruments LP3972_15 Datasheet HTML 11Page - Texas Instruments LP3972_15 Datasheet HTML 12Page - Texas Instruments LP3972_15 Datasheet HTML 13Page - Texas Instruments LP3972_15 Datasheet HTML 14Page - Texas Instruments LP3972_15 Datasheet HTML 15Page - Texas Instruments LP3972_15 Datasheet HTML 16Page - Texas Instruments LP3972_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
4.03 Ps
4.03 Ps
4.0 Ps
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
0
50
100
150
200
250
300
REG1 3.3V OUTPUT
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
-100
-50
0
50
100
150
200
REG1 3.3V OUTPUT
VIN = 3.6V
REG2 2.5V OUTPUT
REG3 1.3V OUTPUT
LP3972
www.ti.com
SNVS468L – SEPTEMBER 2006 – REVISED NOVEMBER 2015
7.14 Typical Characteristics
7.14.1 LDO Dropout Voltage vs Load Current Collect Data for all LDOs
Figure 2. Change In Output Voltage vs Load Current
Figure 1. Dropout Voltage vs Load Current
VIN = 3 V to 4 V
VOUT = 1.8 V
Load = 100 mA
VIN = 4.1 V
VOUT = 1.8 V
No-Load = 100 mA
Figure 3. LDO1 Line Regulation
Figure 4. LDO1 Load Transient
SYS_ENABLE from 0
Load (V) = 100 mA
LDO1 Channel 2
LDO4 Channel 1
Figure 5. Enable Start-Up Time (LDO1)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com