Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4830 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6LC4830 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
PI6LC4830 Rev B
08/17/12
PI6LC4830
HiFlexTM Network Clock Generator
LVCMOS DC Electrical Characteristics (Over Operating Conditions)
Symbol Parameters
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
VOH
Output High Voltage
IOH = -8mA
VDD - 0.4
VOL
Output Low Voltage
IOL = 8mA
0.4
IIH
Input High Current for
QA_OE, QB_OE, REF_OUT_OE, PLL_Byps
VIN = VDD
45
μA
IN_SEL, QB_DIV2
5
IIL
Input Low Current for
QA_OE, QB_OE, REF_OUT_OE, PLL_Byps
VIN = 0V
-5
IN_SEL, QB_DIV2
-45
Rpu
Internal pull up resistance
105
kOhm
Rdn
Internal pull down resistance
105
kOhm
ZO
Output Impedance
30
Ohm
CIN
Input Capacitance for X1, X2 inputs
4
pF
LVCMOS AC Characteristics (Over Operating Conditions)
Symbol
Parameter
Conditions
Min. Typ. Max.
Units
ferror
Frequency Synthesis Error
0
ppm
Tr/Tf
Output Rise/Fall time
20% to 80%, CL = 10pF
1.2
2
ns
TDC
Output Duty Cycle
tDC = tH/tCY, tH = High Pulse Width,
tCY = Output Cycle Time, @ VDD/2
45
50
55
%
JCC
Jitter, Cycle-to-Cycle
175
ps
Jphase
Rms Phase jitter from 12kHz -
20MHz
0.4
1
TEN/DIS
Output enable/disable time
80
ns
TLOCK
PLL Lock Time
5
ms
12-0238



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com