Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4830 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6LC4830 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
PI6LC4830 Rev B
08/17/12
PI6LC4830
HiFlexTM Network Clock Generator
Differential DC Input Characteristics (Over Operating Conditions)
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Units
IIH
Input High
Current
IN-
VIN = VDD = 3.465V
5
uA
IN+
VIN = VDD = 3.465V
45
IIL
Input Low
Current
IN-
VIN = 0V
-45
IN+
VIN = 0V
-5
VCMR
Common Mode Voltage Range
0.5
VDD-
0.85V
V
VPP
Peak-to-Peak Input Voltage Swing
0.15
1.3
HCSL DC Electrical Characteristics (Over Operating Conditions)
Symbol
Parameters
Condition
Min. Typ. Max.
Units
VOH
Output High Voltage
VDD_OUT = VDD -0.15V (1)
660
900
mV
VOL
Output Low Voltage
150
VCROSS
Absolute Crossing Point Voltages
250
550
D VCROSS
Total variation of VCROSS overall edges
140
IOH
Output High Current w/ 475-Ohm resistor.
Connected between IREF pin and GND
14
mA
Note:
1. This voltage drop is to account for the voltage across the series resistor in the layout guidelines.
HCSL AC Output Switching Characteristics(1,2,3) (Over Operating Conditions)
Symbol
Parameters
Min
Typ
Max. Units Notes
ferror
Frequency Synthesis Error
0
ppm
Trise / Tfall
Rise and Fall Time (measured between 0.175V to 0.525V)
175
250
700
ps
2
ΔTrise / ΔTfall
Rise and Fall Time Variation
7
125
2
Tskew
Output-to-Output Skew
20
100
3
TDC
Duty Cycle (Measured at 100 MHz)
47
50
53
%
3
Jphase
RMS phase jitter from 12kHz - 20MHz
0.4
1
ps
2
THF-RMS
>1.5MHz - 50MHz RMS jitter applying PCIE G2 jitter mask
2.2
3.1
3
PSR
Power Supply Rejection with -30dBm input sine wave 100kHz
to 600kHz
-46
dBc
2
TEN/DIS
Output enable/disable time
80
ns
TLOCK
PLL Lock Time
5
ms
Notes:
1. Test configuration is RS = 33Ω, Rp = 49.9Ω with 2pF load.
2. Measurement taken from Single Ended waveform.
3. Measurement taken from Differential waveform.
12-0238



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com