Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4830 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6LC4830 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PI6LC4830 Rev B
08/17/12
PI6LC4830
HiFlexTM Network Clock Generator
Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Storage temperature.............................................. -65ºC to +155ºC
3.3V Analog Supply Voltage..................................... -0.5 to +4.6V
ESD Protection (HBM) ......................................................... 2000V
Operating Conditions (Over Operating Conditions)
Symbol
Parameters
Conditions
Min.
Max.
Units
VDD_PLL
PLL Power Supply Voltage
2.8
3.6
V
VDD_REF_Out
Power Supply for Reference Out
2.9
3.6
VDD_OSC
Power Supply Voltage for oscillator
core
2.8
3.6
VDD_OutA, OutB Power Supply Voltage for Bank A
and Bank B
2.9
3.6
VDD_Out
Power Supply Voltage for Output
Buffer
2.9
3.6
VDD
3.3V General Power Supply Voltage
2.9
3.6
VDDA_PLL
Analog PLL Power Supply Voltage
2.8
3.6
TA
Ambient Temperature
-40
85
°C
IDD_PLL
PLL Power Supply Current
At 3.6V, loaded
10
mA
IDD_REF_OUT
Current for Reference Out
At 3.6V, loaded
36
IDD_OSC
Current for Oscillator
At 3.6V, loaded
12
IDD_OUTA, OUTB Current for Bank A and Bank B
At 3.6V, loaded
11
IDD_OUT
Current for Output Buffer
At 3.6V, loaded
76
IDDA_PLL
Analog PLL Current, VDDA_PLL
At 3.6V, loaded
35
IDD
Total Power Supply Current
No load (Analog PLL Current Included)
85
All outputs loaded (Analog PLL Current
Included)
180
PDiss
Power Dissipation
All outputs loaded
0.65
W
12-0238



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com