Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4830 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6LC4830 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
PI6LC4830 Rev B
08/17/12
PI6LC4830
HiFlexTM Network Clock Generator
Application Notes
Crystal circuit connection
The following diagram shows PI6LC4830 crystal circuit connection with a parallel crystal. For the CL=18pF
crystal, it is suggested to use C1= 27pF, C2= 33pF. C1 and C2 can be adjusted to fine tune to the target ppm of
crystal oscillator according to different board layouts.
C1
27pF
Crystal�(C
L�=�18pF)
C2
33pF
XTAL_IN
XTAL_OUT
Crystal Oscillator Circuit
LVPECL DC Electrical Characteristics (Over Operating Conditions)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
VPP
Output peak-peak Voltage
VDD_REF_Out = 3.3± 5% 0.4
0.7
1
V
VOH
Output High Voltage
VDD_REF_Out = 3.3± 5% VDD-1.4
VDD-0.9
VOL
Output Low Voltage
VDD_REF_Out = 3.3± 5% VDD-2.0
VDD-1.7
AC LVPECL Switching Characteristics
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
Trise / Tfall
Rise and Fall Time
20% to 80%, single-
ended
200
320
450
ps
TDC
Duty Cycle
Differential
47
50
53
%
TEN/DIS
Output enable/disable time
100
ns
Crystal Characteristic (link to "http://www.pericom.com/saronix" for more detailed crystal specifications)
Parameters
Description
Min
Typ
Max.
Units
OSCmode
Mode of Oscillation
Fundamental
FREQ
Frequency
25
MHz
ESR(1)
Equivalent Series Resistance
50
Ohm
Cload
Load Capacitance
18
pF
Cshunt
Shunt Capacitance
7
DRIVE level
1
mW
Note: 1. ESR value is dependent upon frequency of oscillation
12-0238



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com