Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4830 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
PI6LC4830 Rev B
08/17/12
PI6LC4830
HiFlexTM Network Clock Generator
HCSL output buffer characteristics
Figure 9. Simplified diagram of current-mode output buffer
0V
IOUT
0.90V
Slope ~ 1/Rs
RO
ROS
VOUT = 0.90V max
Iout
VDD
HCSL Buffer characteristics
Symbol
Minimum
Maximum
RO
3000Ω
N/A
ROS
unspecified
unspecified
VOUT
N/A
900mV
Current Accuracy (IREF pin)
Symbol Conditions
Configuration
Load
Min.
Max.
IOUT
VDD = 3.30 ±5%
RREF = 475Ω 1%
IREF = 2.32mA
Nominal test load for given
configuration
-12% INOMINAL
+12% INOMINAL
Note:
1.
INOMINAL refers to the expected current based on the configuration of the device.
Differential Clock Output Current
Board Target Trace/Term Z
Reference R, Iref = VDD/(3xRr) Output Current VOH @ Z
100Ω
(100Ω differential ≈ 15% coupling ratio)
RREF = 475Ω 1%,
IREF = 2.32mA
IOH = 6 x IREF
0.7V @ 50
Recommended Crystal Specification
Pericom recommends:
a) GC2500003 XTAL 49S/SMD(4.0 mm), 25M, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/GC_GF.pdf
b) FY2500081, SMD 5x3.2(4P), 25M, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
c) FL2500047, SMD 3.2x2.5(4P), 25M, CL=18pF, +/-20ppm, http://www.pericom.com/pdf/datasheets/se/FL.pdf
12-0238



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com