Electronic Components Datasheet Search
  English  ▼

X  

PI6LC4830 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6LC4830 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PI6LC4830 Rev B
08/17/12
Block Diagram
Features
Î
3.3V supply voltage
Î
3 HCSL and 1 LVCMOS 100MHz outputs with OE/ function
Î
1 LVCMOS 100/50MHz selectable
Î
25MHz crystal or differential input
Î
Low 1ps RMS max integrated phase noise design
Î
PLL Bypass mode for test
Î
32 lead 5x5mm TQFN package
Description
The PI6LC4830 is an LC VCO based low phase noise design
intended for the most demanding PCIe® 2.0 applications. Use
of the ultra-low noise LC VCO allows for much greater noise
margins than traditional solutions. This is ideal for noisy envi-
ronments.
Pin Configuration
QA_OE
QA_CMOS
QB_DIV2
QB_CMOS
QB_OE
/R
IN+
IN-
OSC
IN_SEL
REF_OUT_OE
PLL_Byps
QA0:QA2
100MHz
HCSL Outputs
PLL
/2
REF_OUT
1
2
10
9
8
7
6
5
4
3
15
14
13
31
12
25
24
17
18
19
20
21
22
23
26
27
28
29
30
QA1+
VDD_OutA_SE
GND
QA2-
QA2+
VDD_Out
QA1-
PLL_Byps
REF_OUT_OE
VDD_REF_Out
IN-
IN+
VDD_PLL
QB_DIV2
QB_OE
11
16
QA_CMOS
32
GND
PI6LC4830
HiFlexTM
Network Clock Generator
12-0238


Similar Part No. - PI6LC4830

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6LC4833 PERICOM-PI6LC4833 Datasheet
1,018Kb / 13P
Clock Generator for Power PC
PI6LC4833ZBIE PERICOM-PI6LC4833ZBIE Datasheet
1,018Kb / 13P
Clock Generator for Power PC
More results

Similar Description - PI6LC4830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
942Kb / 78P
Dual Input Network Clock Generator/Synchronizer
AD9575 AD-AD9575 Datasheet
316Kb / 16P
Network Clock Generator, Two Outputs
REV. 0
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
logo
Pericom Semiconductor C...
PI6C557-10 PERICOM-PI6C557-10 Datasheet
378Kb / 6P
Network Clock Generator
PI6LC48P0101 PERICOM-PI6LC48P0101 Datasheet
1Mb / 9P
HiFlex 10GbE Clock Generator
PI6LC48S04 PERICOM-PI6LC48S04 Datasheet
1Mb / 11P
HiFlex Serial Interface Clock
PI6LC48S25A PERICOM-PI6LC48S25A Datasheet
1Mb / 16P
Next Generation HiFlex Ethernet Network Clock Generator
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
logo
Diodes Incorporated
PI6LC58S1101 DIODES-PI6LC58S1101 Datasheet
1Mb / 17P
11 Outputs HiFlex??Ethernet Network Clock Generator
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com