Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1175
Description  8-Bit, 20MHz, 60mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC1175 Datasheet HTML 1Page - National Semiconductor (TI) ADC1175 Datasheet HTML 2Page - National Semiconductor (TI) ADC1175 Datasheet HTML 3Page - National Semiconductor (TI) ADC1175 Datasheet HTML 4Page - National Semiconductor (TI) ADC1175 Datasheet HTML 5Page - National Semiconductor (TI) ADC1175 Datasheet HTML 6Page - National Semiconductor (TI) ADC1175 Datasheet HTML 7Page - National Semiconductor (TI) ADC1175 Datasheet HTML 8Page - National Semiconductor (TI) ADC1175 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin
No.
Symbol
Equivalent Circuit
Description
17
V
RT
Analog Input that is the high (top) side of the
reference ladder of the ADC. Nominal range is 1.0V
to AV
DD. Voltage on VRT and VRB inputs define the
V
IN conversion range. Bypass well. See Section 2.0
for more information.
23
V
RB
Analog Input that is the low (bottom) side of the
reference ladder of the ADC. Nominal range is 0V to
4.0V. Voltage on V
RT and VRB inputs define the VIN
conversion range. Bypass well. See Section 2.0 for
more information.
22
V
RBS
Reference Bottom Bias with internal pull down
resistor. Short to V
RB to self bias the reference
ladder.
1OE
CMOS/TTL compatible Digital input that, when low,
enables the digital outputs of the ADC1175. When
high, the outputs are in a high impedance state.
12
CLK
CMOS/TTL compatible digital clock Input. V
IN is
sampled on the falling edge of CLK input.
3 thru
10
D0-D7
Conversion data digital Output pins. D0 is the LSB,
D7 is the MSB. Valid data is output just after the
rising edge of the CLK input. These pins are enabled
by bringing the OE pin low.
11, 13
DV
DD
Positive digital supply pin. Connect to a clean, quiet
voltage source of +5V. AV
DD and DVDD should have
a common source and be separately bypassed with a
10µF capacitor and a 0.1µF ceramic chip capacitor.
See Section 3.0 for more information.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com