Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1175
Description  8-Bit, 20MHz, 60mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC1175 Datasheet HTML 1Page - National Semiconductor (TI) ADC1175 Datasheet HTML 2Page - National Semiconductor (TI) ADC1175 Datasheet HTML 3Page - National Semiconductor (TI) ADC1175 Datasheet HTML 4Page - National Semiconductor (TI) ADC1175 Datasheet HTML 5Page - National Semiconductor (TI) ADC1175 Datasheet HTML 6Page - National Semiconductor (TI) ADC1175 Datasheet HTML 7Page - National Semiconductor (TI) ADC1175 Datasheet HTML 8Page - National Semiconductor (TI) ADC1175 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
AV
DD,DVDD
6.5V
Voltage on Any Pin
−0.3V to 6.5V
V
RT,VRB
AV
SS to AVDD
CLK, OE Voltage
−0.5 to (AV
DD + 0.5V)
Digital Output Voltage
DV
SS to DVDD
Input Current (Note 3)
±25mA
Package Input Current
(Note 3)
±50mA
Package Dissipation at 25˚C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000V
Machine Model
200V
Soldering Temp., Infrared, 10
sec. (Note 6)
300˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings(Notes 1, 2)
Temperature Range
−20˚C
≤ T
A
≤ +75˚C
AV
DD,DVDD
+4.75V to +5.25V
AV
DD −DVDD
<0.5V
|AV
SS -DVSS|
0V to 100 mV
V
RT
1.0V to V
DD
V
RB
0V to 4.0V
V
RT -VRB
1V to 2.8V
V
IN Voltage Range
V
RB to VRT
Converter Electrical Characteristics
The following specifications apply for AV
DD =DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF,
f
CLK = 20MHz at 50% duty cycle. Boldface limits apply for TA =TMIN to TMAX; all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
DC Accuracy
INL
Integral Non Linearity
f
CLK = 20 MHz
±0.5
±1.3
LSB( max)
INL
Integral Non Linearity
f
CLK = 30 MHz
±1.0
LSB( max)
DNL
Differential Non Linearity
f
CLK = 20 MHz
±0.35
±0.75
LSB( max)
DNL
Differential Non Linearity
f
CLK = 30 MHz
±1.0
LSB( max)
Missing Codes
0
(max)
E
OT
Top Offset
−24
mV
E
OB
Bottom Offset
+37
mV
Video Accuracy
DP
Differential Phase Error
f
in = 4.43 MHz sine wave,
f
CLK = 17.7 MHz
0.5
Degree
DG
Differential Gain Error
f
in = 4.43 MHz sine wave,
f
CLK = 17.7 MHz
0.4
%
Analog Input and Reference Characteristics
V
IN
Input Range
2.0
V
RB
V
RT
V(min)
V(max)
C
IN
V
IN Input Capacitance
V
IN = 1.5V + 0.7Vrms
(CLK LOW)
4
pF
(CLK HIGH)
11
R
IN
R
IN Input Resistance
>1M
Ω
BW
Analog Input Bandwidth
120
MHz
R
RT
Top Reference Resistor
360
Ω
R
REF
Reference Ladder Resistance
V
RT to VRB
300
200
Ω(min)
400
Ω(max)
R
RB
Bottom Reference Resistor
90
Ω
I
REF
Reference Ladder Current
V
RT =VRTS,VRB =VRBS
7
4.8
mA (min)
9.3
mA(max)
V
RT =VRTS,VRB =AVSS
8
5.4
mA (min)
10.5
mA(max)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com