Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1175
Description  8-Bit, 20MHz, 60mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC1175 Datasheet HTML 2Page - National Semiconductor (TI) ADC1175 Datasheet HTML 3Page - National Semiconductor (TI) ADC1175 Datasheet HTML 4Page - National Semiconductor (TI) ADC1175 Datasheet HTML 5Page - National Semiconductor (TI) ADC1175 Datasheet HTML 6Page - National Semiconductor (TI) ADC1175 Datasheet HTML 7Page - National Semiconductor (TI) ADC1175 Datasheet HTML 8Page - National Semiconductor (TI) ADC1175 Datasheet HTML 9Page - National Semiconductor (TI) ADC1175 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for AV
DD =DVDD = +5.0VDC, OE = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF,
f
CLK = 20MHz at 50% duty cycle. Boldface limits apply for TA =TMIN to TMAX; all other limits TA = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
V
RT
Reference Top Self Bias
Voltage
V
RT connected to VRTS
V
RB connected to VRBS
2.6
V
V
RB
Reference Bottom Self Bias
Voltage
V
RT connected to VRTS
0.6
0.55
V(min)
V
RB connected to VRBS
0.65
V(max)
V
RTS -
V
RBS
Self Bias Voltage Delta
V
RT connected to VRTS,
V
RB connected to VRBS
2
1.89
2.15
µAmin
µAmax
V
RT connected to VRTS,
V
RB connected to AVSS
2.3
V
V
RT -VRB
Reference Voltage Delta
2
1.0
V(min)
2.8
V(max)
Power Supply Characteristics
IA
DD
Analog Supply Current
DV
DD =AVDD =5.25V
9.5
mA
ID
DD
Digital Supply Current
DV
DD =AVDD =5.25V
2.5
mA
IAV
DD +
IDV
DD
Total Operating Current
DV
DD AVDD =5.25V, fCLK = 20 MHz
12
17
mA
DV
DD AVDD =5.25V, fCLK = 30 MHz
13
DV
DD =AVDD =5.25V, CLK Low
(Note 10)
9.6
mA
Power Consumption
DV
DD =AVDD =5.25V, fCLK = 20 MHz
60
85
mW
DV
DD =AVDD =5.25V, fCLK = 30 MHz
65
mW
CLK, OE Digital Input Characteristics
V
IH
Logical High Input Voltage
DV
DD =AVDD = +5.25V
3.0
V (min)
V
IL
Logical Low Input Voltage
DV
DD =AVDD = +5.25V
1.0
V (max)
I
IH
Logical High Input Current
V
IH =DVDD =AVDD = +5.25V
5
µA
I
IL
Logic Low Input Current
V
IL = 0V, DVDD =AVDD = +5.25V
−5
µA
C
IN
Logic Input Capacitance
5
pF
Digital Output Characteristics
I
OH
High Level Output Current
DV
DD = 4.75V, VOH = 2.4V
−1.1
mA (min)
I
OL
Low Level Output Current
DV
DD = 4.75V, VOL = 0.4V
1.6
mA (max)
I
OZH,
I
OZL
Tri-State® Leakage Current
DV
DD = 5.25V
OE=DV
DD,VOL
= 0VorV
OH =DVDD
±20
µA
AC Electrical Characteristics
f
C1
Maximum Conversion Rate
30
20
MHz(min)
f
C2
Minimum Conversion Rate
1
MHz
t
OD
Output Delay
CLK high to data valid
19
ns(max)
Pipeline Delay (Latency)
2.5
Clock
Cycles
t
DS
Sampling (Aperture) Delay
CLK low to acquisition of data
3
ns
t
AJ
Aperture Jitter
30
ps rms
t
OH
Output Hold Time
CLK high to data invalid
10
ns
t
EN
OE Low to Data Valid
Loaded as in Figure 2
11
ns
t
DIS
OE High to High Z State
Loaded as in Figure 2
15
ns
ENOB
Effective Number of Bits
f
IN = 1.31 MHz, VIN = FS-2LSB
f
IN = 4.43 MHz, VIN = FS-2LSB
f
IN = 9.9 MHz, VIN = FS-2LSB
f
IN = 4.43 MHz, fCLK = 30 MHz
7.5
7.3
7.2
6.5
7.0
Bits (min)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com