Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1175
Description  8-Bit, 20MHz, 60mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC1175 Datasheet HTML 1Page - National Semiconductor (TI) ADC1175 Datasheet HTML 2Page - National Semiconductor (TI) ADC1175 Datasheet HTML 3Page - National Semiconductor (TI) ADC1175 Datasheet HTML 4Page - National Semiconductor (TI) ADC1175 Datasheet HTML 5Page - National Semiconductor (TI) ADC1175 Datasheet HTML 6Page - National Semiconductor (TI) ADC1175 Datasheet HTML 7Page - National Semiconductor (TI) ADC1175 Datasheet HTML 8Page - National Semiconductor (TI) ADC1175 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC1175
8-Bit, 20MHz, 60mW A/D Converter
General Description
The ADC1175 is a low power, 20 Msps analog-to-digital
converter that digitizes signals to 8 bits while consuming just
60 mW of power (typ). The ADC1175 uses a unique archi-
tecture that achieves 7.5 Effective Bits. Output formatting is
straight binary coding.
The excellent DC and AC characteristics of this device,
together with its low power consumption and +5V single
supply operation, make it ideally suited for many video,
imaging and communications applications, including use in
portable equipment. Furthermore, the ADC1175 is resistant
to latch-up and the outputs are short-circuit proof. The top
and bottom of the ADC1175’s reference ladder is available
for connections, enabling a wide range of input possibilities.
The ADC1175 is offered in SOIC (EIAJ) and TSSOP. It is
designed to operate over the commercial temperature range
of -20˚C to +75˚C.
Features
n
Internal Sample-and-Hold Function
n
Single +5V Operation
n
Internal Reference Bias Resistors
n
Industry Standard Pinout
n
TRI-STATE Outputs
Key Specifications
j Resolution
8 Bits
j Maximum Sampling Frequency
20 Msps (min)
j THD
−55 dB (typ)
j DNL
0.75 LSB (max)
j ENOB
7.5 Bits (typ)
j Guaranteed No Missing Codes
j Differential Phase
0.5 Degree (typ)
j Differential Gain
0.4% (typ)
j Power Consumption
(excluding reference current)
60mW (typ)
Applications
n
Video Digitization
n
Digital Still Cameras
n
Set Top Boxes
n
Communications
n
Medical Imaging
n
Personal Computer Video Cameras
n
Digital Television
n
CCD Imaging
n
Electro-Optics
Pin Configuration
ADC1175 Pin Configuration
10009201
March 2003
© 2003 National Semiconductor Corporation
DS100092
www.national.com


Similar Part No. - ADC1175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC1175 TI1-ADC1175 Datasheet
1Mb / 29P
8-Bit, 20MHz, 60mW A/D Converter
ADC1175 TI2-ADC1175 Datasheet
926Kb / 31P
ADC1175 8-Bit, 20MHz, 60mW A/D Converter
REVISED APRIL 2013
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI-ADC1175-50 Datasheet
1Mb / 26P
ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
More results

Similar Description - ADC1175

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
8-Bit, 20MHz, Complete Flash A/D Converter
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
8-Bit, 20MHz, 60mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com