Electronic Components Datasheet Search
  English  ▼

X  

ADC1175 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC1175
Description  8-Bit, 20MHz, 60mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC1175 Datasheet HTML 1Page - National Semiconductor (TI) ADC1175 Datasheet HTML 2Page - National Semiconductor (TI) ADC1175 Datasheet HTML 3Page - National Semiconductor (TI) ADC1175 Datasheet HTML 4Page - National Semiconductor (TI) ADC1175 Datasheet HTML 5Page - National Semiconductor (TI) ADC1175 Datasheet HTML 6Page - National Semiconductor (TI) ADC1175 Datasheet HTML 7Page - National Semiconductor (TI) ADC1175 Datasheet HTML 8Page - National Semiconductor (TI) ADC1175 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin
No.
Symbol
Equivalent Circuit
Description
2, 24
DV
SS
The ground return for the digital supply. AV
SS and
DV
SS should be connected together close to the
ADC1175.
14, 15,
18
AV
DD
Positive analog supply pin. Connected to a clean,
quiet voltage source of +5V. AV
DD and DVDD should
have a common source and be separately bypassed
with a 10 µF capacitor and a 0.1 µF ceramic chip
capacitor. See Section 3.0 for more information.
20, 21
AV
SS
The ground return for the analog supply. AV
SS and
DV
SS should be connected together close to the
ADC1175 package.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com