Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP12412 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
6
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
DeMux
I2C Controller
Control & Status Register
LDO
CLKP/N
D[0:2]P/N
SCL_CTL
SDA_CTL
EQ#,MS,DR, SEl#
SW.EMP# Control Pins
Rt
Rpd
Rout
Rout
VDD
VDD
VDD or GND
GND
VDD
VDD18
Block Diagram
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com