Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP12412 Datasheet(PDF) 17 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 17 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 20Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
17
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Layout and Decoupling Capacitor Placement Consideration
y
y
Each 0.1 µF decoupling capacitor should be placed as close as possible to each VDD pin.
y
y
VDD and GND planes should be used to provide a low impedance path for power and ground.
y
y
Via holes should be placed to connect to VDD and GND planes directly.
y
y
Trace should be as wide as possible
y
y
Trace should be as short as possible.
y
y
The placement of decoupling capacitor and the way of routing trace should consider the power flowing criteria.
y
y
10 µF Capacitor should also be placed closed to our part and should be placed in the middle location of 0.1 µF
capacitors.
y
y
Avoid the large current circuit placed close to our part; especially when it is shared the same VDD and GND planes.
Since large current flowing on our VDD or GND planes will generate a potential variation on the VDD or GND of our
part.
Decoupling Capacitor Placement Diagram
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com