Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP12412 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
10
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Offset
Name
Description
Power Up
Condition
Type
0x03
TX_SET[7:0] for
port1
TMDS Port 1 Output setting
[7] TMDS output control
"0": Open drain
"1": Double termination
[6:4] TMDS output Pre-emphasis control
"000": 0 dB
"001": 1.5 dB
"010": 2.5 dB
"011": 3.5 dB
"1xx": 6 dB (750 mVpp swing)
[3:2] TMDS output swing setting
"00": 500 mV as default
"01": -10%
"10": +10%
"11": +20%
[1:0] TMDS output slew rate setting
"00": as default
"01" / "10": + 5%
"11": +10%
0x00
R/W
0x04
TX_SET[7:0] for
port2
TMDS Port 2 Output setting
[7] TMDS output control
"0": Open drain
"1": Double termination
[6:4] TMDS output Pre-emphasis control
"000" : 0 dB
"001" : 1.5 dB
"010" : 2.5 dB
"011" : 3.5 dB
"1xx" : 6 dB ( 750 mVpp swing)
[3:2] TMDS output swing setting
"00" : 500 mV as default setting
"01" : -10%
"10" : +10%
"11" : +20%
[1:0] TMDS output slew rate setting
"00" : Default setting
"01" / "10" : + 5%
"11" : +10%
0x00
R/W
0x05
Reserved
[7:0] Reserved
0x00
R/W
0x06
Reserved
[7:0] Reserved
0x0F
R/W
0x07
Reserved
[7:0] Reserved
0x00
R/W
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com