Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP12412 Datasheet(PDF) 19 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 19 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 20Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
19
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Related Products Information
Part Number
Product Description
PI3HDX414
HDMI 1.4b 3.4Gbps Splitter 1:4 with Signal Conditioning
PI3HDX1204
HDMI 2.0 Redriver for 6Gbps Application
PI3HDS20412
Wide Voltage Range DisplayPort & HDMI 2.0 Video Switch
PI3HDX511A
HDMI 1.4b 3.4Gbps Redriver and DP++ Level Shifter
PI3EQXDP1201
DisplayPort 1.2 Re-driver with Built-in AUX Listener
PI3VDP1430
Dual Mode DisplayPort to HDMI Level Shifter and Re-driver
PI3VDP3212
2-Lane DisplayPort1.2 Compliant Passive Switch
PI3VDP12412
4-Lane DisplayPort1.2 Compliant Passive Switch
PI3HDMI521
HDMI 1.4b 3.4Gbps 2:1 Switch/Re-driver with built-in ARC and Fast Switching support
PI3HDMI336
Active HDMI 3:1 Switch/Re-driver with I2C control and ARC Transmitter
DISCLAIMER
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH PERICOM PRODUCT. NO LICENSE,
EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANT-
ED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN PERICOM’S TERMS AND CONDITIONS OF SALE FOR SUCH
PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE,
MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROP-
ERTY RIGHT.
Pericom may make changes to specifications and product descriptions at any time, without notice. Designers must not
rely on the absence or characteristics of any features or instructions marked “reserved” or “undefined”. Pericom reserves
these for future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to them. The products described in this document may contain design defects or errors known as errata which may
cause the product to deviate from published specification. Current characterized errata are available on request.
Contact your local Pericom Sales office or your distributor to obtain the latest specifications and before placing your product
order.
Copyright 2014 Pericom Corporation. All rights reserved. Pericom and the Pericom logo are trademarks of Pericom Corpo-
ration in the U.S. and other countries.
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com