Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP12412 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 16Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
12
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
Electrical Characteristics TJ=25 °C unless otherwise noted
DC Specifications VDD=3.3V +/- 10%
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Units
VDD
Operation Voltage
3.0
3.3
3.6
V
IDD
VDD Supply Current
250
290
mA
IDDQ
VDD Quiescent Current
OE = 1, No
input signal
50
80
mA
ISTB
Standby mode
OE = 0
1
5
mA
TMDS Differential Pins
VOH
Single-ended high level output voltage
VDD = 3.3 V,
Rout=50 Ω
VDD-10
VDD+10 mV
VOL
Single-ended low level output voltage
VDD-600
VDD–400 mV
Vswing
Single-ended output swing voltage
400
600
mV
VOD(O)
Overshoot of output differential voltage
180
mV
VOD(U)
Undershoot of output differential volt-
age
200
mV
VOC(SS)
Change in steady-state common- mode
output voltage between logic states
5
mV
IOS
Short Circuit output current
-12
12
mA
IOS
Short Circuit output current at double
termination mode
-24
24
mA
Absolute Maximum Ratings
Supply Voltage to Ground Potential........................... 4.5V
DC SIG Voltage ............................... –0.5V to VDD+0.5V
Storage Temperature..............................–65°C to +150°C
Operating Temperature .............................. -40 to +85°C
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Thermal Characteristics
Symbol
Parameter
Ratings
Units
TJmax
Junction Temperature
125
°C
RθJC
Thermal Resistance, Junction to Case
5
°C/W
RθJA
Thermal Resistance, Junction to Ambient
24
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com