Electronic Components Datasheet Search
  English  ▼

X  

PI3VDP12412 Datasheet(PDF) 20 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 20 Page - Pericom Semiconductor Corporation

Back Button PI3VDP12412 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 15Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 16Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 17Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 18Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 19Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 20Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
PI3HDX412BD
3.4Gbps HDMI 1.4b 1:2 Splitter/Demux with Equalization & Pre-emphasis
20
www.pericom.com
03/24/14
All trademarks are property of their respective owners.
PRODUCT STATUS DEFINITIONS
Datasheet Identification Product Status
Definition
Advanced Information
Formative / In Design
Datasheet contains the design specifications for product de-
velopment. Specifications may change in any manner without
notice.
Preliminary
First Production
Datasheet contains preliminary data; supplementary data will
be published at a later date. Pericom Semiconductor reserves
the right to make changes at any time without notice to improve
design.
No Identification Needed
Full Production
Datasheet contains final specifications. Pericom Semiconductor
reserves the right to make changes at any time without notice to
improve the design.
Obsolete
Not In Production
Datasheet contains specifications on a product that is discontin-
ued by Pericom Semiconductor. The datasheet is for reference
information only.
14-0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com