Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300D Datasheet(PDF) 104 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 104 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 105Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 106Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 107Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 104 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Storage Temperature
-65
°C to 150°C
Ambient Temperature with Power Applied
-40
°C to 85°C
Supply Voltage to Ground Potentials (Inputs and AVCC, VDD only]
-0.3V to 3.6V
DC Input Voltage
-0.5V to 3.6V
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
17.2
3.3V DC SPECIFICATIONS
Symbol
Parameter
Condition
Min.
Max.
Units
Notes
VDD,
AVCC
Supply Voltage
3
3.6
V
Vih
Input HIGH Voltage
0.5 VDD
VDD + 0.5
V
3
Vil
Input LOW Voltage
-0.5
0.3 VDD
V
3
Vih
CMOS Input HIGH Voltage
0.7 VDD
VDD + 0.5
V
1
Vil
CMOS Input LOW Voltage
-0.5
0.3 VDD
V
1
Vipu
Input Pull-up Voltage
0.7 VDD
V
3
Iil
Input Leakage Current
0 < Vin < VDD
±10
μA
3
Voh
Output HIGH Voltage
Iout = -500μA
0.9VDD
V
3
Vol
Output LOW Voltage
Iout = 1500μA
0.1 VDD
V
3
Voh
CMOS Output HIGH Voltage
Iout = -500μA
VDD – 0.5
V
2
Vol
CMOS Output LOW Voltage
Iout = 1500μA
0.5
V
2
Cin
Input Pin Capacitance
10
pF
3
CCLK
CLK Pin Capacitance
5
12
pF
3
CIDSEL
IDSEL Pin Capacitance
8
pF
3
Lpin
Pin Inductance
20
nH
3
Notes:
1.
CMOS Input pins: S_CFN#, TCK, TMS, TDI, TRST#, SCAN_EN, SCAN_TM#
2.
CMOS Output pin: TDO
3.
PCI pins: P_AD[31:0], P_CBE[3:0], P_PAR, P_FRAME#, P_IRDY#, P_TRDY#,
P_DEVSEL#, P_STOP#, P_LOCK#, PIDSEL#, P_PERR#, P_SERR#, P_REQ#, P_GNT#,
P_RESET#, S1_AD[31:0], S2_AD[31:0], S1_CBE[3:0], S2_CBE[3:0], S1_PAR, S2_PAR,
S1_FRAME#, S2_FRAME#, S1_IRDY#, S2_IRDY#, S1_TRDY#, S2_TRDY#,
S1_DEVSEL#, S2_DEVSEL#, S1_STOP#, S2_STOP#, S1_LOCK#, S2_LOCK#,
S1_PERR#, S2_PERR#, S1_SERR#, S2_SERR#, S1_REQ[7:0]#, S2_REQ[6:0]#,
S1_GNT[7:0]#, S2_GNT[6:0], S1_RESET#, S2_RESET#, S1_EN, S2_EN, HSLED,
HS_SW#, HS_EN, ENUM#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com